전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM4466N 데이터시트(PDF) 1 Page - Analog Power

부품명 AM4466N
상세설명  N-Channel 60-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4466N 데이터시트(HTML) 1 Page - Analog Power

  AM4466N Datasheet HTML 1Page - Analog Power AM4466N Datasheet HTML 2Page - Analog Power AM4466N Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AM4466N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4466_A
1
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
rDS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, and cellular telephones.
VDS (V)
rDS(on) m( )
ID (A)
6 @ VGS = 10V
±19
6.6 @ VGS = 4.5V
±18
PRODUCT SUMMARY
60
N-Channel 60-V (D-S) MOSFET
Low rDS(on) provides higher efficiency and
extends battery life
Low thermal impedance copper leadframe
SOIC-8 saves board space
Fast switching speed
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol
Limit
Units
VDS
60
VGS
±20
TA=25
o
C
±19
TA=70
o
C
±16
IDM
±25
IS
2
A
TA=25
o
C
3.1
TA=70
o
C
2
TJ, Tstg
-55 to 150
o
C
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parame te r
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Symbol
Maximum
Units
t <= 10 sec
40
o
C/W
Steady State
80
o
C/W
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambient
a
RθJA
1
2
3
4
5
6
7
8


유사한 부품 번호 - AM4466N

제조업체부품명데이터시트상세설명
logo
Analog Power
AM4460NT ANALOGPOWER-AM4460NT Datasheet
371Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM4462N ANALOGPOWER-AM4462N Datasheet
369Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4462N DOINGTER-AM4462N Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Analog Power
AM4463P ANALOGPOWER-AM4463P Datasheet
194Kb / 5P
   P-Channel 20-V (D-S) MOSFET
AM4464N ANALOGPOWER-AM4464N Datasheet
418Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results

유사한 설명 - AM4466N

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com