전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM4534C 데이터시트(PDF) 2 Page - Analog Power

부품명 AM4534C
상세설명  P & N-Channel 30-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4534C 데이터시트(HTML) 2 Page - Analog Power

  AM4534C Datasheet HTML 1Page - Analog Power AM4534C Datasheet HTML 2Page - Analog Power AM4534C Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AM4534C
Analog Power
September, 2003 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM4534_E
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Ch Min
Typ
Max
VGS = 0 V, ID = 250 uA
N30
VGS = 0 V, ID = -250 uA
P-26
VGS = VDS, ID = 250 uA
N1
VGS = VDS, ID = -250 uA
P-1
VGS = -12 V, VDS = 0 V
P±100
V
GS = 20 V, V
DS = 0 V
N±100
VDS = -21.2 V, VGS = 0 V
P-1
V
DS = 24 V, V
GS = 0 V
N1
VDS = 5 V, VGS = 10 V
N20
VDS = -5 V, VGS = -4.5 V
P-20
VGS = 10 V, ID = 7 A
28
VGS = 4.5 V, ID = 6 A
40
VGS = -4.5 V, ID = -5 A
52
VGS = -2.5 V, ID = -4 A
80
VDS = 15 V, ID = 7 A
N
25
VDS = -15 V, ID = -5 A
P10
N4
P25
N1.1
P2.4
N1.4
P3.9
N
8
P
7
N
5
P
13
N23
P14
N3
P9
Forward Tranconductance
A
gfs
S
Total Gate Charge
Qg
N-Channel
VDS=15V, VGS=10V, ID=7A
P-Channel
VDS=-15V, VGS=-4.5V, ID=-5A
nC
Limits
Unit
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
nA
Static
Test Conditions
V
V
Symbol
Parameter
Gate-Threshold Voltage
VGS(th)
Drain-Source Breakdown Voltage
V(BR)DSS
A
Gate-Body Leakage
IGSS
uA
IDSS
Zero Gate Voltage Drain Current
N
P
On-State Drain Current
A
ID(on)
tr
td(off)
mΩ
Drain-Source On-Resistance
A
rDS(on)
Switching
Dynamic
Turn-On Delay Time
Rise Time
nS
N-Chaneel
V
DD=15V, VGS=10V, ID=1A ,
R
GEN=6Ω,
P-Channel
VDD=-15V, VGS=-4.5V, ID=-1A
RGEN=6Ω
Fall-Time
tf
Turn-Off Delay Time
td(on)
Gate-Source Charge
Qgs
Gate-Drain Charge
Qgd


유사한 부품 번호 - AM4534C

제조업체부품명데이터시트상세설명
logo
SHENZHEN DOINGTER SEMIC...
AM4534C DOINGTER-AM4534C Datasheet
2Mb / 8P
   P-Chanel and N-Channel MOSFET use advanced trench technology
More results

유사한 설명 - AM4534C

제조업체부품명데이터시트상세설명
logo
Analog Power
AM4532C ANALOGPOWER-AM4532C Datasheet
410Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM4502CE ANALOGPOWER-AM4502CE Datasheet
319Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
logo
Leshan Radio Company
LNP4606T1G LRC-LNP4606T1G Datasheet
829Kb / 7P
   P & N-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM4502C ANALOGPOWER-AM4502C Datasheet
500Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM4512CE ANALOGPOWER-AM4512CE Datasheet
266Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
AM7530C ANALOGPOWER-AM7530C Datasheet
109Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AMD534CE ANALOGPOWER-AMD534CE Datasheet
191Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AM4536C ANALOGPOWER-AM4536C Datasheet
90Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AM3599CE ANALOGPOWER-AM3599CE Datasheet
402Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM3530C ANALOGPOWER-AM3530C Datasheet
565Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AMCC530C ANALOGPOWER-AMCC530C Datasheet
475Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com