전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

W04M 데이터시트(PDF) 1 Page - Kwang Myoung I.S. CO.,LTD

부품명 W04M
상세설명  1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
홈페이지  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD

W04M 데이터시트(HTML) 1 Page - Kwang Myoung I.S. CO.,LTD

  W04M Datasheet HTML 1Page - Kwang Myoung I.S. CO.,LTD W04M Datasheet HTML 2Page - Kwang Myoung I.S. CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
W005M
THRU
W10M
1.5 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
Features
Low Profile Package
Any Mounting Position
Surge Overload Rating Of 50 Amps
UL Recognized File # E165989
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
W005M
W005M
50V
35V
50V
W01M
W01M
100V
70V
100V
W02M
W02M
200V
140V
200V
W04M
W04M
400V
280V
400V
W06M
W06M
600V
420V
600V
W08M
W08M
800V
560V
800V
W10M
W10M
1000V
700V
1000v
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.5A
TJ = 25
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.0V
IFM = 1.5A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1mA
TJ = 25
°C
TJ = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
E
E
AC
AC
+
-
A
B
C
D
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
----
.358
------
9.10
B
----
.225
------
5.70
C
1.000
---
25.40
---
D
1.098
---
27.90
---
E
.180
.220
4.60
5.60
WOM
F
F
.030
.032
0.76
0.81
KI SEMICONDUCTOR
KI SEMICONDUCTOR


유사한 부품 번호 - W04M

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
W04M WTE-W04M Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
logo
Micro Commercial Compon...
W04M MCC-W04M Datasheet
310Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts Any Mounting Position
logo
Won-Top Electronics
W04M WTE-W04M Datasheet
57Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
W04M SEMTECH_ELEC-W04M Datasheet
190Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Rectron Semiconductor
W04M RECTRON-W04M Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
More results

유사한 설명 - W04M

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SDB151L MCC-SDB151L Datasheet
102Kb / 2P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RB151 MCC-RB151_13 Datasheet
279Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RB151 MCC-RB151_08 Datasheet
108Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
W005M MCC-W005M_13 Datasheet
342Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
W005M MCC-W005M_04 Datasheet
153Kb / 2P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RB-156 MCC-RB-156 Datasheet
240Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
SDB151L MCC-SDB151L_14 Datasheet
150Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
W10M-BP MCC-W10M-BP Datasheet
321Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
DB151 MCC-DB151 Datasheet
278Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RB151 MCC-RB151 Datasheet
77Kb / 2P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com