전자부품 데이터시트 검색엔진 |
|
DM74LS533N 데이터시트(PDF) 1 Page - Fairchild Semiconductor |
|
DM74LS533N 데이터시트(HTML) 1 Page - Fairchild Semiconductor |
1 / 4 page © 2000 Fairchild Semiconductor Corporation DS009811 www.fairchildsemi.com October 1988 Revised March 2000 DM74LS533 Octal Transparent Latch with 3-STATE Outputs General Description The DM74LS533 consists of eight latches with 3-STATE outputs for bus organized system applications. The flip- flops appear transparent to the data when Latch Enable (LE) is HIGH. When LE is LOW, the data that meets the setup times is latched. Data appears on the bus when the Output Enable (OE) is LOW. When OE is HIGH the bus output is in the high impedance state. The DM74LS533 is the same as the DM74LS373, except that the outputs are inverted. For detailed specifications please see the DM74LS373 data sheet, but note that the propagation delays from data to output are 5.0 ns longer for the DM74LS533 than for the DM74LS373. Features s Eight latches in a single package s 3-STATE outputs for bus interfacing Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Logic Symbol VCC = Pin 20 GND = Pin 10 Pin Descriptions Connection Diagram Function Table L = LOW State H = HIGH State X = Don't Care Z = High Impedance State QO = Previous Condition of O Order Number Package Number Package Description DM74LS533WM M20B 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide DM74LS533N N20A 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Pin Names Description D0, D7 Data Inputs LE Latch Enable Input (Active HIGH) OE Output Enable Input (Active LOW) O0–O7 Complementary 3-STATE Outputs OUTPUT Latch D Output Enable Enable O LH H L LH L H LL X QO HX X Z |
유사한 부품 번호 - DM74LS533N |
|
유사한 설명 - DM74LS533N |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |