전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM30N02-59D 데이터시트(PDF) 1 Page - Analog Power

부품명 AM30N02-59D
상세설명  N-Channel 20-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM30N02-59D 데이터시트(HTML) 1 Page - Analog Power

  AM30N02-59D Datasheet HTML 1Page - Analog Power AM30N02-59D Datasheet HTML 2Page - Analog Power AM30N02-59D Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
AM30N02-59D
Analog Power
November, 2003 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM30N02-59_C
These miniature surface mount MOSFETs utilize
High Cell Density process. Low r
DS(on) assures
minimal power loss and conserves energy, making
this device ideal for use in power management
circuitry. Typical applications are PWMDC-DC
converters, power management in portable and
battery-powered products such as computers,
printers, battery charger, telecommunication power
system, and telephones power system.
VDS (V)
rDS(on) m(Ω)ID (A)
59 @ VGS = 4.5V
24
88 @ VGS = 2.5V
20
PRODUCT SUMMARY
20
N-Channel 20-V (D-S) MOSFET
•Low r
DS(on) Provides Higher Efficiency and
Extends Battery Life
Miniature TO-252 Surface Mount Package
Saves Board Space
High power and current handling capability
Low side high current DC-DC Converter
applications
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol
Limit
Units
VDS
20
VGS
±12
Continuous Drain Current
a
TC=25
oC ID
24
IDM
40
IS
30
A
Power Dissipation
a
TC=25
oC PD
50
W
TJ, Tstg -55 to 175
oC
Operating Junction and Storage Temperature Range
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
A
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
a
RθJA
50
oC/W
Maximum Junction-to-Case
RθJC
3.0
oC/W
THERMAL RESISTANCE RATINGS


유사한 부품 번호 - AM30N02-59D

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
AM30N02-59D-T1-PF VBSEMI-AM30N02-59D-T1-PF Datasheet
1,015Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - AM30N02-59D

제조업체부품명데이터시트상세설명
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com