전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM74S153 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 DM74S153
상세설명  Dual 1-of-4 Line Data Selector/Multiplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74S153 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  DM74S153 Datasheet HTML 1Page - Fairchild Semiconductor DM74S153 Datasheet HTML 2Page - Fairchild Semiconductor DM74S153 Datasheet HTML 3Page - Fairchild Semiconductor DM74S153 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 4: ICC is measured with all outputs OPEN and all inputs grounded.
Switching Characteristics
at VCC = 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−1mA
IOL
LOW Level Output Current
20
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.2
V
VOH
HIGH Level
VCC = Min, IOH = Max,
2.7
3.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.5
V
Output Voltage
VIH = Min, VIL = Max
II
Input Current @ Max Input Voltage
VCC = Max, VI = 5.5V
1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
50
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.5V
−2mA
IOS
Short Circuit Output Current
VCC = Max (Note 3)
−40
−100
mA
ICC
Supply Current
VCC = Max (Note 4)
45
70
mA
RL = 280Ω
Symbol
Parameter
From (Input)
CL = 15 pF
CL = 50 pF
Units
To (Output)
Min
Max
Min
Max
tPLH
Propagation Delay Time
Data to Y
9
12
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Data to Y
9
12
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Select to Y
18
20
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Select to Y
18
21
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Strobe to Y
15
18
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Strobe to Y
13.5
17
ns
HIGH-to-LOW Level Output


유사한 부품 번호 - DM74S153

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74S151 FAIRCHILD-DM74S151 Datasheet
46Kb / 5P
   1-of-8 Data Selector/Multiplexer with Complementary Outputs
DM74S151N FAIRCHILD-DM74S151N Datasheet
46Kb / 5P
   1-of-8 Data Selector/Multiplexer with Complementary Outputs
DM74S157 FAIRCHILD-DM74S157 Datasheet
53Kb / 5P
   Quad 1 of 2 Line Data Selector/Multiplexer
logo
National Semiconductor ...
DM74S157 NSC-DM74S157 Datasheet
128Kb / 5P
   QUAD 1 OF 2 LINE DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
DM74S157N FAIRCHILD-DM74S157N Datasheet
53Kb / 5P
   Quad 1 of 2 Line Data Selector/Multiplexer
More results

유사한 설명 - DM74S153

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS153SJX FAIRCHILD-DM74ALS153SJX Datasheet
72Kb / 6P
   Dual 1-of-4 Line Data Selector/Multiplexer
DM74ALS153 FAIRCHILD-DM74ALS153 Datasheet
66Kb / 6P
   Dual 1-of-4 Line Data Selector/Multiplexer
logo
Texas Instruments
74AC11153 TI1-74AC11153 Datasheet
105Kb / 8P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTOR/MULTIPLEXER
74ACT11153 TI1-74ACT11153 Datasheet
85Kb / 5P
[Old version datasheet]   DUAL 1 OF 4 DATA SELECTOR/MULTIPLEXER
logo
Fairchild Semiconductor
DM74S253 FAIRCHILD-DM74S253 Datasheet
49Kb / 4P
   Dual 3-STATE 1-of-4 Line Data Selector/Multiplexer
DM74ALS253 FAIRCHILD-DM74ALS253 Datasheet
54Kb / 5P
   3-STATE Dual 1-of-4 Line Data Selector/Multiplexer
logo
Texas Instruments
74AC11352 TI1-74AC11352 Datasheet
103Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Renesas Technology Corp
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
   1-of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com