전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISLA214P13 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISLA214P13
상세설명  Ultra High Performance Broadband 12 to 16-Bit Data Acquisition Platform
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214P13 데이터시트(HTML) 1 Page - Intersil Corporation

  ISLA214P13 Datasheet HTML 1Page - Intersil Corporation ISLA214P13 Datasheet HTML 2Page - Intersil Corporation ISLA214P13 Datasheet HTML 3Page - Intersil Corporation ISLA214P13 Datasheet HTML 4Page - Intersil Corporation ISLA214P13 Datasheet HTML 5Page - Intersil Corporation ISLA214P13 Datasheet HTML 6Page - Intersil Corporation ISLA214P13 Datasheet HTML 7Page - Intersil Corporation ISLA214P13 Datasheet HTML 8Page - Intersil Corporation ISLA214P13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
Application Note 1837
Author: Michael Steffes
Ultra High Performance Broadband 12 to 16-Bit Data
Acquisition Platform
ISLA214P50-55210EV1Z High
Speed ADC/AMP Evaluation
Board
1. ISLA214P50 High Speed, High Performance ADC (14-bit,
500MSPS)
2. ISL55210 High Performance, Low Power, Fully Differential
Amplifier (FDA)
3. Compatible with existing Intersil high speed ADC
evaluation platforms
4. Optional response measurement port from ADC inputs to
board edge
5. Pin compatible family of 12-to-16 bit ADC’s can be used on
this board
Performance Range
1. Clock rate range: 80MSPS to 500MSPS
2. 283mVP-P input (-7.0dBm) for -2dBFS at ADC inputs
(1.6VP-P at ADC)
3. ±0.8dB flat response from 100kHz to 100MHz
4. Typical SNRFS (30MHz input, 500MSPS): 71.8dBFS
(vs 72.6dBFS for ADC only)
5. Typical SFDR (30MHz input, 500MSPS): 89dBc (vs 84dBc
for ADC only)
System Requirements
1. ISLA214P50-55210EV1Z Evaluation Board
2. KMB-001LEVALZ Intersil Motherboard (+5V supply
provided with motherboard)
3. Intersil Konverter software
http://www.intersil.com/content/intersil/en/products/dat
a-converters/high-speed-a-d-converters/hs-adc-evaluation-
platform.html
4. Low jitter clock source
5. Bandpass filters
6. PC running Windows XP operating system with Konverter
software installed
Board Numbering Note
The original board marking was ISLA214P50/55210EV1Z. For
ordering purposes, that has been changed wherever possible
to ISLA214P50-ISL55210EV1Z. Any reference to
ISL214P50/55210EV1Z would be the same end item as the
final ordering number version with the dash instead slash.
Evaluation Platform Overview
This ISLA214P50-55210EV1Z is an evaluation platform
featuring Intersil’s ultra-high dynamic range fully differential
amplifier (FDA), the ISL55210, and the High Speed, High
Performance, 14-bit, 500MSPS ADC, the ISLA214P50. This
PCB daughterboard mates to Intersil’s existing high speed ADC
evaluation platform allowing for easy performance
measurement and analysis (see Intersil Application Notes
AN1433, and AN1434 for more information). The ADC
evaluation platform consists of custom designed hardware
and software supporting a wide range of ADC daughterboards
on the KMB-001 motherboard. The function of the hardware is
to provide power to the ADC daughterboard, manage the
communication to the ADC internal settings, accept clock and
signal inputs, and buffer the digital outputs for communication
to a host PC. The Konverter software is required to configure
the ADC for initial operation, to modify the device functionality
or parameters, and to process and display the captured digital
data. Konverter software version 1.22c (or later) supports the
ISLA214P50 family and the ISLA214P50-55210EV1Z PCB.
CONTACT THE FACTORY FOR ASSISTANCE IN USING THE
KONVERTER SOFTWARE TO MODIFY THIS BOARD TO A
DIFFERENT ADC IN THE PIN COMPATIBLE FAMILY.
TABLE 1. PIN COMPATIBLE HIGH PERFORMANCE ADC FAMILY
PART NUMBER
RESOLUTION
(Bits)
MAXIMUM
SAMPLE RATE
(Msps)
POWER
CONSUMPTION
(mW)
ISLA216P25
16
250
785
ISLA216P20
16
200
720
ISLA216P13
16
130
615
ISLA214P50
14
500
835/900 (Note)
ISLA214P25
14
250
450
ISLA214P20
14
200
410
ISLA214P13
14
130
360
ISLA214P12
14
125
310
ISLA212P50
12
500
823/892 (Note)
ISLA212P25
12
250
440
ISLA212P20
12
200
405
ISLA212P13
12
130
355
NOTE: I2E disabled/enabled.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2013. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
May 3, 2013
AN1837.0


유사한 부품 번호 - ISLA214P13

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISLA214P13 INTERSIL-ISLA214P13 Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA214P13 RENESAS-ISLA214P13 Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA214P13 INTERSIL-ISLA214P13 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA214P13 INTERSIL-ISLA214P13 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA214P13 INTERSIL-ISLA214P13 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
More results

유사한 설명 - ISLA214P13

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
AD363 AD-AD363 Datasheet
682Kb / 8P
   Complete 16-Channel,12-Bit Data Acquisition System
AD363 AD-AD363 Datasheet
6Mb / 16P
   COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Exar Corporation
MP3275 EXAR-MP3275 Datasheet
138Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3276 EXAR-MP3276 Datasheet
170Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
logo
List of Unclassifed Man...
XE88LC05 ETC1-XE88LC05 Datasheet
1Mb / 39P
   16 10 bit Data Acquisition Ultra Low-Power Microcontroller
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
logo
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com