전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM81LS95AWM 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 DM81LS95AWM
상세설명  3-STATE Octal Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM81LS95AWM 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  DM81LS95AWM Datasheet HTML 1Page - Fairchild Semiconductor DM81LS95AWM Datasheet HTML 2Page - Fairchild Semiconductor DM81LS95AWM Datasheet HTML 3Page - Fairchild Semiconductor DM81LS95AWM Datasheet HTML 4Page - Fairchild Semiconductor DM81LS95AWM Datasheet HTML 5Page - Fairchild Semiconductor DM81LS95AWM Datasheet HTML 6Page - Fairchild Semiconductor DM81LS95AWM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics DM81LS96A
over recommended operating free air temperature range (unless otherwise noted)
Note 8: All typicals are at VCC = 5V, TA = 25°C.
Note 9: Both G inputs are at 2V.
Note 10: Both G inputs are at 0.4V.
Note 11: Not more than one output should be shorted at a time, and the duration should not exceed one second.
AC Electrical Characteristics DM81LS96A
VCC = 5V, TA = 25°C
Note 12: CL = 5 pF.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 8)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level Output Voltage
VCC = Min, IOH = Max
2.7
V
VIL = Max, VIH = Min
VOL
LOW Level Output Voltage
VCC = Min, IOL = Max
0.5
V
IOL = Max, VIH = Min
IOL = 12 mA, VCC = Min
0.4
II
Input Current @ Max
VCC = Max, VI = 7V
0.1
mA
Input Voltage
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max
VI = 0.5V
A (Note 9)
−20
µA
VI = 0.4V
A (Note 10)
−50
G
−50
IOZH
Off-State Output Current
VCC = Max, VO = 2.4V
20
µA
with HIGH Level Output
VIH = Min, VIL = Max
Voltage Applied
IOZL
Off-State Output Current
VCC = Max, VO = 0.4V
−20
µA
with LOW Level Output
VIH = Min, VIL = Max
Voltage Applied
IOS
Short Circuit
VCC = Max
−20
−100
mA
Output Current
(Note 11)
ICC
Supply Current
VCC = Max (Note 10)
13
21
mA
Symbol
Parameter
RL = 667 Ω
Units
CL = 50 pF
CL = 150 pF
Min
Max
Min
Max
tPLH
Propagation Delay Time
10
16
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
17
30
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time
15
30
ns
to HIGH Level Output
tPZL
Output Enable Time
35
45
ns
to LOW Level Output
tPHZ
Output Disable Time
20
ns
from HIGH Level Output (Note 12)
tPLZ
Output Disable Time
27
ns
from LOW Level Output (Note 12)


유사한 부품 번호 - DM81LS95AWM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DM81LS95AWM NSC-DM81LS95AWM Datasheet
118Kb / 6P
   TRI-STATE Octal Buffer
More results

유사한 설명 - DM81LS95AWM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
logo
NXP Semiconductors
74ALS241A PHILIPS-74ALS241A Datasheet
109Kb / 9P
   Octal buffer 3-state
1991 Feb 08
74ALS244A PHILIPS-74ALS244A Datasheet
110Kb / 9P
   Octal buffer 3-State
1991 Feb 08
logo
Fairchild Semiconductor
MM74HC244SJX FAIRCHILD-MM74HC244SJX Datasheet
107Kb / 8P
   Octal 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com