전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM81LS97 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 DM81LS97
상세설명  3-STATE Octal Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM81LS97 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  DM81LS97 Datasheet HTML 1Page - Fairchild Semiconductor DM81LS97 Datasheet HTML 2Page - Fairchild Semiconductor DM81LS97 Datasheet HTML 3Page - Fairchild Semiconductor DM81LS97 Datasheet HTML 4Page - Fairchild Semiconductor DM81LS97 Datasheet HTML 5Page - Fairchild Semiconductor DM81LS97 Datasheet HTML 6Page - Fairchild Semiconductor DM81LS97 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Note 2: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The Recommended Operating Conditions table will define the conditions
for actual device operation.
Recommended Operating Conditions
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−5.2
mA
IOL
LOW Level Output Current
24
mA
TA
Free Air Operating Temperature
0
70
°C


유사한 부품 번호 - DM81LS97

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DM81LS97A NSC-DM81LS97A Datasheet
118Kb / 6P
   TRI-STATE Octal Buffer
DM81LS97AN NSC-DM81LS97AN Datasheet
118Kb / 6P
   TRI-STATE Octal Buffer
DM81LS97AWM NSC-DM81LS97AWM Datasheet
118Kb / 6P
   TRI-STATE Octal Buffer
logo
Advanced Micro Devices
DM81LS97J AMD-DM81LS97J Datasheet
230Kb / 4P
   Three-State Octal Buffers
DM81LS97N AMD-DM81LS97N Datasheet
230Kb / 4P
   Three-State Octal Buffers
More results

유사한 설명 - DM81LS97

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
logo
NXP Semiconductors
74ALS241A PHILIPS-74ALS241A Datasheet
109Kb / 9P
   Octal buffer 3-state
1991 Feb 08
74ALS244A PHILIPS-74ALS244A Datasheet
110Kb / 9P
   Octal buffer 3-State
1991 Feb 08
logo
Fairchild Semiconductor
MM74HC244SJX FAIRCHILD-MM74HC244SJX Datasheet
107Kb / 8P
   Octal 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com