전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN1086SX 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FAN1086SX
상세설명  1.5A Adjustable/Fixed Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1086SX 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FAN1086SX Datasheet HTML 1Page - Fairchild Semiconductor FAN1086SX Datasheet HTML 2Page - Fairchild Semiconductor FAN1086SX Datasheet HTML 3Page - Fairchild Semiconductor FAN1086SX Datasheet HTML 4Page - Fairchild Semiconductor FAN1086SX Datasheet HTML 5Page - Fairchild Semiconductor FAN1086SX Datasheet HTML 6Page - Fairchild Semiconductor FAN1086SX Datasheet HTML 7Page - Fairchild Semiconductor FAN1086SX Datasheet HTML 8Page - Fairchild Semiconductor FAN1086SX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PRODUCT SPECIFICATION
FAN1086
2
REV. 1.0.7 11/10/03
Pin Assignments
*With package soldered to 0.5 square inch copper area over backside ground plane or internal power plane,
Θ
JA can vary from
30°C/W to more than 50°C/W. Other mounting techniques may provide better thermal resistance than 30°C/W.
Absolute Maximum Ratings
Parameter
Min.
Max.
Unit
VIN
7.5
V
Operating Junction Temperature Range
0
125
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10 sec.)
300
°C
Front View
4-Lead Plastic SOT-223
Θ
JC = 15°C/W*
3-Lead Plastic TO-263
Θ
JC = 3°C/W*
3-Lead Plastic TO-252
Θ
JC = 3°C/W*
Tab is
VOUT
Tab is
VOUT
1
ADJ/
GND
OUT
IN
23
Tab is
VOUT
1
ADJ/
GND
IN
23
3
2
1
IN
OUT
ADJ/GND


유사한 부품 번호 - FAN1086SX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN1084 FAIRCHILD-FAN1084 Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1084D FAIRCHILD-FAN1084D Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1084D15 FAIRCHILD-FAN1084D15 Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1084D33 FAIRCHILD-FAN1084D33 Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
More results

유사한 설명 - FAN1086SX

제조업체부품명데이터시트상세설명
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ1086 UTC-UZ1086_09 Datasheet
224Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086 UTC-UZ1086_12 Datasheet
239Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com