전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2500S25X 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FAN2500S25X
상세설명  100 mA CMOS LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2500S25X 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FAN2500S25X Datasheet HTML 1Page - Fairchild Semiconductor FAN2500S25X Datasheet HTML 2Page - Fairchild Semiconductor FAN2500S25X Datasheet HTML 3Page - Fairchild Semiconductor FAN2500S25X Datasheet HTML 4Page - Fairchild Semiconductor FAN2500S25X Datasheet HTML 5Page - Fairchild Semiconductor FAN2500S25X Datasheet HTML 6Page - Fairchild Semiconductor FAN2500S25X Datasheet HTML 7Page - Fairchild Semiconductor FAN2500S25X Datasheet HTML 8Page - Fairchild Semiconductor FAN2500S25X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FAN2500/FAN2501
PRODUCT SPECIFICATION
REV. 1.0.6 2/14/03
3
Depending on the model selected, a number of control and
status functions are available to enhance the operation of the
LDO regulator. An Enable pin, available on all devices,
allows the user to shut down the regulator output to conserve
power, reducing supply current to less than 1µA. The
adjustable-voltage versions of the device utilize pin 4 to
connect to an external voltage divider which feeds back to
the regulator error amplifier, thereby setting the voltage as
desired. Two other functions are available at pin 4 in the
fixed-voltage versions: in noise-sensitive applications, an
external Bypass capacitor connection is provided that allows
the user to achieve optimal noise performance at the output,
while the Error output functions as a diagnostic flag to
indicate that the output voltage has dropped more than 5%
below the nominal fixed voltage.
Applications Information
External Capacitors – Selection
The FAN2500/01 allows the user to utilize a wide variety of
capacitors compared to other LDO products. An innovative
design approach offers significantly reduced sensitivity to
ESR (Effective Series Resistance), which degrades regulator
loop stability in older designs. While the improvements fea-
tured in the FAN2500/01 family greatly simplify the design
task, capacitor quality still must be considered if the designer
is to achieve optimal circuit performance. In general,
ceramic capacitors offer superior ESR performance, at a
lower cost and a smaller case size than tantalums. Those with
X7R or Y5Vdielectric offer the best temperature coefficient
characteristics. The combination of tolerance and variation
over temperature in some capacitor types can result in signif-
icant variations, resulting in unstable performance over rated
conditions.
Input Capacitor
An input capacitor of 2.2µF (nominal value) or greater,
connected between the Input pin and Ground, located in
close proximity to the device, will improve transient
response and noise rejection. Higher values will offer supe-
rior input ripple rejection and transient response. An input
capacitor is recommended when the input source, either a
battery or a regulated AC voltage, is located far from the
device. Any good quality ceramic, tantalum, or metal film
capacitor will give acceptable performance, however tanta-
lum capacitors with a surge current rating appropriate to the
application must be selected to avoid catastrophic failure.
Output Capacitor
An output capacitor is required to maintain regulator loop
stability. Unlike many other LDO regulators, the FAN2500/
01 family of products are nearly insensitve to output capaci-
tor ESR. Stable operation will be achieved with a wide
variety of capacitors with ESR values ranging from 10m
Ω to
10
Ω or more. Tantalum or aluminum electrolytic, or multi-
layer ceramic types can all be used. A nominal value of at
least 1µF is recommended.
Bypass Capacitor (FAN2500 Only)
In the fixed-voltage configuration, connecting a capacitor
between the bypass pin and ground can significantly reduce
noise on the output. Values ranging from 470pF to 10nF can
be used, depending on the sensitivity to output noise in the
application.
At the high-impedance Bypass pin, care must be taken in the
circuit layout to minimize noise pickup, and capacitors must
be selected to minimize current loading (leakage). Noise
pickup from external sources can be considerable. Leakage
currents into the Bypass pin will directly affect regulator
accuracy and should be kept as low as possible; thus, high-
quality ceramic and film types are recommended for their
low leakage characteristics. Cost-sensitive applications not
concerned with noise can omit this capacitor.
Control Functions
Enable Pin
Applying a voltage of 0.4V or less at the Enable pin will
disable the output, reducing the quiescent output current to
less than 1µA, while a voltage of 2.0V or greater will enable
the device. If this shutdown function is not needed, the pin
can simply be connected to the VIN pin. Allowing this pin to
float will cause erratic operation.
Error Flag (FAN2501 only)
To indicate conditions such as input voltage dropout
(low VIN), overheating, or overloading (excessive output cur-
rent), the ERR pin indicates a fault condition. It is an open-
drain output which is HIGH when the voltage at VOUT is
greater than 95% of the nominal rated output voltage and
LOW when VOUT is less than 95% or the rated output volt-
age, as specified in the error trip level characteristics.
A logic pullup resistor of 100K
Ω is recommended at this
output. The pin can be left disconnected if unused.
Thermal Protection
The FAN2500/01 is designed to supply high peak output cur-
rents of up to 1A for brief periods, however this output load
will cause the device temperature to increase and exceed
maximum ratings due to power dissipation. During output
overload conditions, when the die temperature exceeds the
shutdown limit temperature of 150°C, onboard thermal
protection will disable the output until the temperature drops
below this limit, at which point the output is then re-enabled.
During a thermal shutdown situation the user may assert the
power-down function at the Enable pin, reducing power
consumption to the minimum level IGND · VIN.


유사한 부품 번호 - FAN2500S25X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2500S25X FAIRCHILD-FAN2500S25X Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
logo
ON Semiconductor
FAN2500S25X ONSEMI-FAN2500S25X Datasheet
890Kb / 14P
   100 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
More results

유사한 설명 - FAN2500S25X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2500 FAIRCHILD-FAN2500_10 Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510_10 Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
FAN2508S28X FAIRCHILD-FAN2508S28X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2508 FAIRCHILD-FAN2508 Datasheet
251Kb / 10P
   50 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com