전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN4272 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FAN4272
상세설명  Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4272 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FAN4272 Datasheet HTML 1Page - Fairchild Semiconductor FAN4272 Datasheet HTML 2Page - Fairchild Semiconductor FAN4272 Datasheet HTML 3Page - Fairchild Semiconductor FAN4272 Datasheet HTML 4Page - Fairchild Semiconductor FAN4272 Datasheet HTML 5Page - Fairchild Semiconductor FAN4272 Datasheet HTML 6Page - Fairchild Semiconductor FAN4272 Datasheet HTML 7Page - Fairchild Semiconductor FAN4272 Datasheet HTML 8Page - Fairchild Semiconductor FAN4272 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
FAN4272
DATA SHEET
Rev. 2 December 2002
3
Electrical Specifications
(Vs = +5V, G = 2, RL = 10kΩ to Vs/2, Rf = 5kΩ, Ta = 25°C; unless otherwise noted)
Parameter
Conditions
Min.
Typ.
Max.
Unit
AC Performance
-3dB Bandwidth1
G = +1, Vo = 0.02Vpp
4
MHz
G = +2, Vo = 0.2Vpp
4.7
MHz
Large Signal Bandwidth
G = +2, Vo = 2Vpp
1.7
MHz
Gain Bandwidth Product
1.8
MHz
Rise and Fall Time
1V step
150
ns
Overshoot
1V step
<1
%
Slew Rate
1V step
6
V/
µs
2nd Harmonic Distortion
2Vpp, 10kHz
-73
dBc
3rd Harmonic Distortion
2Vpp, 10kHz
-75
dBc
THD
2Vpp, 10kHz
0.03
%
Input Voltage Noise
>10kHz
23
nV/
√Hz
Crosstalk
>100kHz
95
dB
DC Performance
Input Offset Voltage2
-2
<0.5
+2
mV
Average Drift
8
µV/°C
Input Bias Current2
-420
90
420
nA
Average Drift
100
pA/°
Input Offset Current2
-50
+50
nA
Power Supply Rejection Ratio2
DC
70
85
dB
Open Loop Gain
RL = 10kΩ
72
dB
Quiescent Current Per Channel2
160
235
µA
Input Characteristics
Input Resistance
12
M
Input Capacitance
1.7
pF
Input Common Mode Voltage Range
-0.25 to 5.25
V
Common Mode Rejection Ratio2
DC, Vcm = 0V to Vs
58
85
dB
Output Characteristics
Output Voltage Swing
RL = 10kΩ to Vs/22
0.09 to 4.91 0.031 to 4.976
V
RL = 1kΩ to Vs/2
0.094 to 4.94
V
RL = 200Ω to Vs/2
0.315 to 4.865
V
Output Current
±30
mA
Power Supply Operating Range
2.5
2.7
5.5
V
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Notes:
1. For G = +1, Rf = 0.
2. Guaranteed by testing or statistical analysis at 25°C.
3. RL = 10kΩ to Vs/2.
Package Thermal Resistance
Package
θ
JA
8 lead SOIC
152°C/W
8 lead MSOP
206°C/W


유사한 부품 번호 - FAN4272

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN4274 FAIRCHILD-FAN4274 Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274 FAIRCHILD-FAN4274 Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274IMU8X FAIRCHILD-FAN4274IMU8X Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274IMU8X FAIRCHILD-FAN4274IMU8X Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274IMU8X FAIRCHILD-FAN4274IMU8X Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
More results

유사한 설명 - FAN4272

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
KM7101 FAIRCHILD-KM7101 Datasheet
146Kb / 9P
   Ultra-Low Cost, 139A, 2.7V, 4.9MHz Rail-to-Rail I/O Amplifier
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4212 FAIRCHILD-KM4212 Datasheet
181Kb / 10P
   Dual, 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amp
logo
Cadeka Microcircuits LL...
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Fairchild Semiconductor
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com