전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5067 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 FAN5067
상세설명  ACPI Dual Switch Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5067 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5067 Datasheet HTML 4Page - Fairchild Semiconductor FAN5067 Datasheet HTML 5Page - Fairchild Semiconductor FAN5067 Datasheet HTML 6Page - Fairchild Semiconductor FAN5067 Datasheet HTML 7Page - Fairchild Semiconductor FAN5067 Datasheet HTML 8Page - Fairchild Semiconductor FAN5067 Datasheet HTML 9Page - Fairchild Semiconductor FAN5067 Datasheet HTML 10Page - Fairchild Semiconductor FAN5067 Datasheet HTML 11Page - Fairchild Semiconductor FAN5067 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PRODUCT SPECIFICATION
FAN5067
REV. 1.0.1 5/2/02
8
Figure 5. System Architectural Block Diagram (Power Paths Only)
5Vmain, 18A
5Vstdby 720mA
12V, 6A
Typedet
Linear
Linear
Linear/Switch
Linear
Conversion
Synchronous
Vcore 2V/17.4A
RC1587
RC5058
SO24
Linear
Linear
PWROK SLP_S3# SLP_S5#
FAN5067
SO16
Switch
2.5V DDR
or 3.3V SDRAM
3.3Vdual or 5Vdual 2.4A/500mA/500mA PCI
Vtt 1.5V/2A
Vck 2.5V/600mA
Vagp 3.3V/1.5V/2A
Vnb 1.8V/2A
3.3Vmain, 14A
ATX


유사한 부품 번호 - FAN5067

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5063 FAIRCHILD-FAN5063 Datasheet
196Kb / 14P
   ACPI Dual Switch Controller
FAN5066 FAIRCHILD-FAN5066 Datasheet
263Kb / 18P
   Ultra Low Voltage Synchronous DC-DC Controller
FAN5066 FAIRCHILD-FAN5066 Datasheet
274Kb / 18P
   Ultra Low Voltage Synchronous DC-DC Controller
FAN5066M FAIRCHILD-FAN5066M Datasheet
274Kb / 18P
   Ultra Low Voltage Synchronous DC-DC Controller
FAN5068 FAIRCHILD-FAN5068 Datasheet
159Kb / 18P
   DDR-1/DDR-2 plus ACPI Regulator Combo
More results

유사한 설명 - FAN5067

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5063 FAIRCHILD-FAN5063 Datasheet
196Kb / 14P
   ACPI Dual Switch Controller
RC5060 FAIRCHILD-RC5060 Datasheet
136Kb / 15P
   ACPI Switch Controller
logo
List of Unclassifed Man...
OZ6812 ETC-OZ6812 Datasheet
105Kb / 13P
   ACPI CardBus Controller
OZ6833 ETC-OZ6833 Datasheet
118Kb / 15P
   ACPI CardBus Controller
logo
Winbond
W83301DR-O WINBOND-W83301DR-O Datasheet
221Kb / 13P
   ACPI-STR Controller
logo
List of Unclassifed Man...
OZ6933 ETC-OZ6933 Datasheet
126Kb / 15P
   ACPI CardBus Controller
logo
Winbond
W83301R WINBOND-W83301R Datasheet
212Kb / 16P
   ACPI-STR Controller
W83303AD WINBOND-W83303AD Datasheet
464Kb / 19P
   Advanced ACPI Controller
logo
Intersil Corporation
CDP1020 INTERSIL-CDP1020 Datasheet
154Kb / 23P
   SMBus/I2C ACPI Dual Device Bay Controller
April 1999
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com