전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5092 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FAN5092
상세설명  High Current System Voltage Buck Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5092 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FAN5092 Datasheet HTML 1Page - Fairchild Semiconductor FAN5092 Datasheet HTML 2Page - Fairchild Semiconductor FAN5092 Datasheet HTML 3Page - Fairchild Semiconductor FAN5092 Datasheet HTML 4Page - Fairchild Semiconductor FAN5092 Datasheet HTML 5Page - Fairchild Semiconductor FAN5092 Datasheet HTML 6Page - Fairchild Semiconductor FAN5092 Datasheet HTML 7Page - Fairchild Semiconductor FAN5092 Datasheet HTML 8Page - Fairchild Semiconductor FAN5092 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
FAN5092
PRODUCT SPECIFICATION
2
REV. 1.0.7 6/20/02
Pin Assignments
Pin Definitions
Pin Number
Pin Name
Pin Function Description
1-5
VID0-4
Voltage Identification Code Inputs. These open collector/TTL compatible
inputs will program the output voltage over the ranges specified in Table 1.
6
CLK
Clock. When PHASE is high, this pin puts out a clock signal synchronized
180
° out of phase with the internal master clock. When PHASE is low, this pin
is an input for a synchronizing clock signal.
7
BYPASS
5V Rail. Bypass this pin with a 0.1
µF ceramic capacitor to AGND.
8
AGND
Analog Ground. Return path for low power analog circuitry. This pin should
be connected to a low impedance system ground plane to minimize ground
loops.
9
LDRVB
Low Side FET Driver for B. Connect this pin to the gate of an N-channel
MOSFET for synchronous operation. The trace from this pin to the MOSFET
gate should be <0.5”.
10
GNDB
Ground B. Ground-side current sense pin. Connect directly to low-side
MOSFET source, or to sense resistor ground.
11
ISNSB
Current Sense B. Sensor side of current sense. Attach to low-side MOSFET
drain, or to source side of sense resistor.
12
SWB
High side driver source and low side driver drain switching node B. Gate
drive return for high side MOSFET, and negative input for low-side MOSFET
current sense.
13
HDRVB
High Side FET Driver B. Connect this pin to the gate of an N-channel
MOSFET. The trace from this pin to the MOSFET gate should be <0.5”.
14
BOOTB
Bootstrap B. Input supply for high-side MOSFET.
15
BOOTA
Bootstrap A. Input supply for high-side MOSFET.
16
HDRVA
High Side FET Driver A. Connect this pin to the gate of an N-channel
MOSFET. The trace from this pin to the MOSFET gate should be <0.5”.
17
SWA
High side driver source and low side driver drain switching node A. Gate
drive return for high side MOSFET, and negative input for low-side MOSFET
current sense.
18
ISNSA
Current Sense A. Sensor side of current sense. Attach to low-side MOSFET
drain, or to source side of sense resistor.
FAN5092
VID0
VID1
VID2
VID3
VID4
BYPASS
AGND
CLK
LDRVB
GNDB
ISNSB
SWB
VFB
RT
ENABLE/SS
DROOP/E*
ISHR
PHASE
PWRGD
VCC
LDRVA
GNDA
ISNSA
SWA
1
2
3
4
5
6
7
8
9
10
11
12
HDRVB
BOOTB
HDRVA
BOOTA
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15


유사한 부품 번호 - FAN5092

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5092 FAIRCHILD-FAN5092 Datasheet
333Kb / 4P
   Power Conversion for the Data Communications Market
FAN5092MTC FAIRCHILD-FAN5092MTC Datasheet
109Kb / 20P
   High Current System Voltage Buck Converter
FAN5092MTCX FAIRCHILD-FAN5092MTCX Datasheet
109Kb / 20P
   High Current System Voltage Buck Converter
FAN5092MTCX FAIRCHILD-FAN5092MTCX Datasheet
109Kb / 20P
   High Current System Voltage Buck Converter
More results

유사한 설명 - FAN5092

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5092MTC FAIRCHILD-FAN5092MTC Datasheet
109Kb / 20P
   High Current System Voltage Buck Converter
logo
ON Semiconductor
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
   High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
   High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
   Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
   High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3232N ONSEMI-NCP3232N Datasheet
185Kb / 14P
   High Current Synchronous Buck Converter
June, 2015 ??Rev. 5
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com