전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5093 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FAN5093
상세설명  Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5093 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5093 Datasheet HTML 6Page - Fairchild Semiconductor FAN5093 Datasheet HTML 7Page - Fairchild Semiconductor FAN5093 Datasheet HTML 8Page - Fairchild Semiconductor FAN5093 Datasheet HTML 9Page - Fairchild Semiconductor FAN5093 Datasheet HTML 10Page - Fairchild Semiconductor FAN5093 Datasheet HTML 11Page - Fairchild Semiconductor FAN5093 Datasheet HTML 12Page - Fairchild Semiconductor FAN5093 Datasheet HTML 13Page - Fairchild Semiconductor FAN5093 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
FAN5093
PRODUCT SPECIFICATION
10
REV. 1.1.0 3/27/03
Application Information
Operation
The FAN5093 Controller
The FAN5093 is a programmable synchronous two-phase
DC-DC controller IC. When designed with the appropriate
external components, the FAN5093 can be configured to
deliver more than 50A of output current, for VRM 9.x
applications. The FAN5093 functions as a fixed frequency
PWM step down regulator, with a high efficiency mode (E*)
at light load.
Main Control Loop
Refer to the FAN5093 Block Diagram on page 1. The
FAN5093 consists of two interleaved synchronous buck con-
verters, implemented with summing-mode control. Each
phase has its own current feedback, and there is a common
voltage feedback.
The two buck converters controlled by the FAN5093 are
interleaved, that is, they run 180
° out of phase. This mini-
mizes the RMS input ripple current, minimizing the number
of input capacitors required. It also doubles the effective
switching frequency, improving transient response.
The FAN5093 implements “summing mode control”, which
is different from both classical voltage-mode and current-
mode control. It provides superior performance to either by
allowing a large converter bandwidth over a wide range of
output loads and external components. No external compen-
sation is required.
The control loop of the regulator contains two main sections:
the analog control block and the digital control block. The
analog section consists of signal conditioning amplifiers
feeding into a comparator which provides the input to the
digital control block. The signal conditioning section accepts
inputs from a current sensor and a voltage sensor, with the
voltage sensor being common to both phases, and the current
sensor separate for each. The voltage sensor amplifies the
difference between the VFB signal and the reference voltage
from the DAC and presents the output to each of the two
comparators. The current control path for each phase takes
the difference between its PGND and SW pins when the low-
side MOSFET is on, reproducing the voltage across the
MOSFET and thus the input current; it presents the resulting
signal to the same input of its summing amplifier, adding its
signal to the voltage amplifier’s with a certain gain. These
two signals are thus summed together. This sum is then pre-
sented to a comparator looking at the oscillator ramp, which
provides the main PWM control signal to the digital control
block. The oscillator ramps are 180
° out of phase with each
other, so that the two phases are on alternately.
The digital control block takes the analog comparator input
to provide the appropriate pulses to the HDRV and LDRV
output pins for each phase. These outputs control the external
power MOSFETs.
Response Time
The FAN5093 utilizes leading-edge, not trailing-edge
control. Conventional trailing-edge control turns on the
high-side MOSFET at a clock signal, and then turns it off
when the error amplifier output voltage is equal to the ramp
voltage. As a result, the response time of a trailing-edge
converter can be as long as the off-time of the high-side
driver, nearly an entire switching period. The FAN5093’s
leading-edge control turns the high-side MOSFET on when
the error amplifier output voltage is equal to the ramp volt-
age, and turns it off at the clock signal. As a result, when a
transient occurs, the FAN5093 responds immediately by
turning on the high-side MOSFET. Response time is set by
the internal propagation delays, typically 100nsec. In worst
case, the response time is set by the minimum on-time of the
low-side MOSFET, 330nsec.
Oscillator
The FAN5093 oscillator section runs at a frequency deter-
mined by a resistor from the RT pin to ground according to
the formula
The oscillator generates two internal sawtooth ramps, each at
one-half the oscillator frequency, and running 180
° out of
phase with each other. These ramps cause the turn-on time of
the two phases to be phased apart. The oscillator frequency
of the FAN5093 can be programmed from 200KHz to 2MHz
with each phase running at 100KHz to 1MHz, respectively.
Selection of a frequency will depend on various system
performance criteria, with higher frequency resulting in
smaller components but typically lower efficiency.
Remote Voltage Sense
The FAN5093 has true remote voltage sense capability, elim-
inating errors due to trace resistance. To utilize remote sense,
the VFB and AGND pins should be connected as a Kelvin
trace pair to the point of regulation, such as the processor
pins. The converter will maintain the voltage in regulation at
that point. Care is required in layout of these grounds; see the
layout guidelines in this datasheet.
High Current Output Drivers
The FAN5093 contains four high current output drivers that
utilize MOSFETs in a push-pull configuration. The drivers
for the high-side MOSFETs use the BOOT pin for input
power and the SW pin for return. The drivers for the low-side
MOSFETs use the VCC pin for input power and the PGND
pin for return. Typically, the BOOT pin will use a charge
pump as shown in Figure 2. Note that the BOOT and VCC
pins are separated from the chip’s internal power and ground,
BYPASS and AGND, for switching noise immunity.
R
T
()
27.5E9
fHz
()
-------------------
=


유사한 부품 번호 - FAN5093

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5093MTC FAIRCHILD-FAN5093MTC Datasheet
584Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5093MTCX FAIRCHILD-FAN5093MTCX Datasheet
584Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
More results

유사한 설명 - FAN5093

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5093MTC FAIRCHILD-FAN5093MTC Datasheet
584Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090 FAIRCHILD-FAN5090 Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5193 FAIRCHILD-FAN5193 Datasheet
524Kb / 21P
   Two Phase Interleaved Synchronous Buck Converter
FAN5098 FAIRCHILD-FAN5098 Datasheet
460Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for AMD Hammer?
FAN5091 FAIRCHILD-FAN5091 Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
   300W 2-Phase Interleaved Synchronous Buck-Boost Converter
logo
Fairchild Semiconductor
FAN5094 FAIRCHILD-FAN5094 Datasheet
182Kb / 22P
   Multi-Phase Interleaved Buck Converter
logo
STMicroelectronics
L6712 STMICROELECTRONICS-L6712_05 Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
L6712 STMICROELECTRONICS-L6712 Datasheet
1Mb / 27P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com