전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74513 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 74513
상세설명  The ideal multi-purpose bits for all around quality and performance
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

74513 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  74513 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
See Product Category Index
190
Power Bits. 1/4” Hex Drive,
Length 2.0”/50mm
Item
No.
Size
mm
pkg. lbs.
745 11
T6
50
10
.18
745 12
T7
50
10
.18
745 13
T8
50
10
.18
745 17
T9
50
10
.18
745 19
T10
50
10
.18
745 21
T15
50
10
.18
745 23
T20
50
10
.18
745 29
T25
50
10
.18
745 31
T27
50
10
.18
745 33
T30
50
10
.18
745 35
T40
50
10
.18
745
Power Bits
1/4” Hex Drive, Length 2.75”/70mm
Item
No.
Size
mm
pkg. lbs.
745 36
T6
70
1
.02
745 38
T7
70
1
.02
745 42
T8
70
1
.02
745 44
T9
70
1
.02
745 46
T10
70
1
.02
745 48
T15
70
1
.02
745 51
T20
70
1
.03
745 53
T25
70
1
.03
745 56
T27
70
1
.04
745 58
T30
70
1
.04
745 61
T40
70
1
.04
745
Power Bits
1/4
Hex Drive, Length 6.0”/152mm
Item
No.
Size
mm
pkg. lbs.
745 86
T10
152
10
.04
745 87
T15
152
10
.04
745 88
T20
152
10
.04
745 89
T25
152
10
.04
745 90
T27
152
10
.04
745 91
T30
152
10
.04
745
Power Bits
1/4
Hex Drive, Length 3.5/90mm
Item
No.
Size
mm
pkg. lbs.
745 63
T6
90
10
.03
745 65
T7
90
10
.03
745 67
T8
90
10
.03
745 69
T9
90
10
.03
745 71
T10
90
10
.03
745 73
T15
90
10
.03
745 75
T20
90
10
.04
745 77
T25
90
10
.04
745 79
T27
90
10
.04
745 81
T30
90
10
.04
745 83
T40
90
10
.04
745
Bits, 1/4”
Item
No.
Size mm
pkg.
lbs.
715 05
T5
25
10
.12
715 06
T6
25
10
.12
715 07
T7
25
10
.12
715 08
T8
25
10
.12
715 09
T9
25
10
.12
715 10
T10
2510.12
715 15
T15
2510.12
715 20
T20
2510.12
715 25
T25
2510.12
715 27
T27
2510.13
715 30
T30
2510.14
715 40
T40
2510.15
715
Bits
The ideal multi-purpose bits for all
around quality and performance
Made in Germany - Production Quality
High resistant to
wear and tear for
a long tool life
Suitable for all applications
Hardness HRC 59-61
Suitable for both manual &
machine applications
Impact resistant modified
chrome-vanadium-molybdenum,
tool steel, hardened
Wiha
Bit Packs
Insert Bit Packs, 1
CVM S2
modified tool steel.
Item
No.
Size
mm
lbs.
2 Bit Pack
715 50
T5
25
.03
715 51
T6
25
.03
715 52
T7
25
.03
715 53
T8
25
.03
715 54
T9
25
.03
715 55
T10
25
.03
715 56
T15
25
.03
715 57
T20
25
.03
715 58
T25
25
.03
715 59
T27
25
.04
715 60
T30
25
.04
715 61
T40
25
.04
715
Bits, 5/16”
Item
No.
Size
mm
pkg.
lbs.
725 25
T25
3510.27
725 27
T27
3510.27
725 30
T30
3510.27
725 40
T40
3510.28
725 45
T45
3510.31
725 50
T50
3510.32
725 55
T55
3510.52
725
5/16”
Insert Bit Packs, 5/16
CVM S2 modified tool steel.
Item
No.
Size
mm
lbs.
2 Bit Pack
725 31
T30
35
.28
725 41
T40
35
.28
725 46
T45
35
.31
725 51
T50
35
.32
725 56
T55
35
.52
725
I
N
D
E
X
Go To
Image Index
Go To
Numerical Index
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


유사한 부품 번호 - 74513

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
74513 MOLEX11-74513 Datasheet
40Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile, 300V, 13
logo
Tyco Electronics
745135-4 MACOM-745135-4 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
745135-4 MACOM-745135-4 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
More results

유사한 설명 - 74513

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TE21748032 ETC2-TE21748032 Datasheet
246Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance...
logo
Omron Electronics LLC
E2E-X2D1-N OMRON-E2E-X2D1-N Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2EX2E1 OMRON-E2EX2E1 Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2EX1R5E1 OMRON-E2EX1R5E1 Datasheet
2Mb / 35P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X5E1 OMRON-E2E-X5E1 Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X2E1-M1 OMRON-E2E-X2E1-M1 Datasheet
1Mb / 34P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
logo
List of Unclassifed Man...
74309 ETC2-74309 Datasheet
303Kb / 1P
   Wiha Quality Tools Slotted Bits
logo
Renesas Technology Corp
IDTF1751NBGI8 RENESAS-IDTF1751NBGI8 Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
Rev1 December 2013
logo
Vishay Siliconix
DG1408E VISHAY-DG1408E Datasheet
431Kb / 14P
   3.9 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
Rev. B, 06-Feb-17
logo
List of Unclassifed Man...
28940 ETC2-28940 Datasheet
139Kb / 1P
   Selected sanding and polishing bits for all surfaces and longest
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com