전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5233 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 FAN5233
상세설명  System Electronics Regulator for Mobile PCs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5233 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5233 Datasheet HTML 5Page - Fairchild Semiconductor FAN5233 Datasheet HTML 6Page - Fairchild Semiconductor FAN5233 Datasheet HTML 7Page - Fairchild Semiconductor FAN5233 Datasheet HTML 8Page - Fairchild Semiconductor FAN5233 Datasheet HTML 9Page - Fairchild Semiconductor FAN5233 Datasheet HTML 10Page - Fairchild Semiconductor FAN5233 Datasheet HTML 11Page - Fairchild Semiconductor FAN5233 Datasheet HTML 12Page - Fairchild Semiconductor FAN5233 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PRODUCT SPECIFICATION
FAN5233
REV. 1.0.6 1/22/02
9
Functional Description
The FAN5233 is a high efficiency and high precision DC/DC
controller for notebook and other portable applications. It
provides all of the voltages necessary for system electronics:
5V, 3.3V, 12V, and 5V-ALWAYS. Utilization of both input
and output voltage feedback in a current-mode control
allows for fast loop response over a wide range of input and
output variations. Current sense based on MOSFET RDS,on
gives maximum efficiency, while also permitting the use of a
sense resistor for high accuracy.
3.3V and 5V Architecture
The 3.3V and 5V switching regulator outputs of the
FAN5233 are generated from the unregulated input voltage
using synchronous buck converters. Both high side and low-
side MOSFETs are N-channel.
The 3.3V and 5V switchers have pins for current sensing and
for setting of output over-current threshold using MOSFET
RDS,on. Each converter has a pin for voltage-sense feedback,
a pin that shuts down the converter, and a pin for generating
the boost voltage to drive the high-side MOSFET.
If the 5V switcher is not used, connect SDN5 (pin 17) to
SGND (pin 14). If the 3.3V switcher is not used, connect
SDN3.3 (pin 11) to SGND (pin 14).
The following discussion of the FAN5233 design will be
done with reference to Figures 1 through 4, showing the
internal block diagram of the IC.
3.3V and 5V PWM Current Sensing
Peak current sensing is done on the low side driver because
of the very low duty-cycle on the high side MOSFET. The
current is sampled 50ns after turn on and the value is held for
current feedback and over-current limit.
3.3V and 5V PWM Loop Compensation
The 3.3V and 5V control loops of the FAN5233 function as
voltage mode with current feedback for stability. They each
have an independent voltage feedback pin, as shown in Fig-
ure 1. They use voltage feed-forward to guarantee loop rejec-
tion of input voltage variation: that is to say that the PWM
(pulse width modulation) ramp amplitude is varied as a func-
tion of the input voltage. Compensation of the control loops
is done entirely internally using current-mode feedback com-
pensation. This scheme allows the bandwidth and phase mar-
gin to be almost independent of output capacitance and ESR.
3.3V and 5V PWM Current Limit
The 3.3V and 5V converters each sense the voltage across
their own low-side MOSFET to determine whether to enter
current limit. If an output current in excess of the current
limit threshold is measured then the converter enters a pulse
skipping mode where Iout is equal to the over-current (OC)
set limit. After 8 clock cycles then the regulator is latched off
(HSD and LSD off). This is the likely scenario in the case of
a "soft" short. If the short is "hard" it will instantly
trigger the under-voltage protection which again will latch
the regulator off (HSD and LSD off) after a 2µs delay.
Selection of a current-limit set resistor must include the
tolerance of the current-limit trip point, the MOSFET on
resistance and temperature coefficient, and the ripple current,
in addition to the maximum output current.
Example: Maximum DC output current on the 5V is 5A,
input voltage is 16V, the MOSFET RDS,on is 17mΩ, and the
inductor is 5µH at a current of 5A. Because of the low
RDS,on, the low-side MOSFET will have a maximum tem-
perature (ambient + self-heating) of only 75°C, at which its
RDS,on increases to 20mΩ.
Peak current is DC output current plus peak ripple current:
where T is the maximum period, VO is output voltage, VIN is
input voltage and L is the inductance. This current generates
a voltage on the low-side MOSFET of 7A • 20m
Ω = 140mV.
The current limit threshold is typically 150mV (worst-case
135mV) with R2 = 1K
Ω, and so this value is suitable. R2
could be increased a further 10% if additional noise margin
is deemed necessary.
Precision Current Limit
Precision current limiting can be achieved by placing a
discrete sense resistor between the source of the low-side
MOSFET and ground.
In this case, current limit accuracy is set by the tolerance of
the IC, +10%.
Figure 4. Using a Precision Current Sense Resistor
Shutdown (SDWN)
The SDWN pin turns off all 4 converters (+5V, +3.3V, and
+12V, 5V-ALWAYS) and puts the FAN5233 into a low-
power mode (Shutdown mode).
This mode of operation implies the use of a push button
switch between SDWN and Vin. Pushing the button allows
I
pk
I
DC
VIN
V
O
()T
2L
----------------------------------
V
O
VIN
-----------
+
5A
16V
5V
()4µsec
2.5
µH
--------------------------------------------
5V
16V
----------
+
6.4A
==
=
HSD
SW
LSD
ISEN
GND


유사한 부품 번호 - FAN5233

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5230 FAIRCHILD-FAN5230 Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5230QSC FAIRCHILD-FAN5230QSC Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
FAN5232 FAIRCHILD-FAN5232 Datasheet
76Kb / 9P
   Adjustable PWM Buck Controller for LCD PCs
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
More results

유사한 설명 - FAN5233

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5230 FAIRCHILD-FAN5230 Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5235 FAIRCHILD-FAN5235 Datasheet
85Kb / 15P
   System Electronics Regulator for Mobile PCs
logo
EPCOS
B4150 EPCOS-B4150_1 Datasheet
93Kb / 10P
   Low Loss Filter for Mobile Telephone PCS system
logo
Mitsubishi Electric Sem...
MF1082V-2 MITSUBISHI-MF1082V-2 Datasheet
64Kb / 1P
   FOR PCS MOBILE TELEPHONE, Tx
MF1081V-2 MITSUBISHI-MF1081V-2 Datasheet
63Kb / 1P
   FOR PCS MOBILE TELEPHONE, Rx
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
   Precision Clock Synthesizer for Mobile PCs
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
logo
Toshiba Semiconductor
TPCA8081 TOSHIBA-TPCA8081 Datasheet
238Kb / 9P
   Notebook PCs Mobile Handsets
TPCA8082 TOSHIBA-TPCA8082 Datasheet
234Kb / 9P
   Notebook PCs Mobile Handsets
TPC8087 TOSHIBA-TPC8087 Datasheet
226Kb / 9P
   Notebook PCs Mobile Handsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com