전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6555 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 FAN6555
상세설명  2A DDR Bus Termination Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6555 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN6555 Datasheet HTML 4Page - Fairchild Semiconductor FAN6555 Datasheet HTML 5Page - Fairchild Semiconductor FAN6555 Datasheet HTML 6Page - Fairchild Semiconductor FAN6555 Datasheet HTML 7Page - Fairchild Semiconductor FAN6555 Datasheet HTML 8Page - Fairchild Semiconductor FAN6555 Datasheet HTML 9Page - Fairchild Semiconductor FAN6555 Datasheet HTML 10Page - Fairchild Semiconductor FAN6555 Datasheet HTML 11Page - Fairchild Semiconductor FAN6555 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FAN6555
PRODUCT SPECIFICATION
8
REV. 1.1.3 8/4/03
Figure 8. Test Circuit Setup
Figure 9. VTT Performance for DDR Bus
3.3V POWER
SUPPLY
ACTIVE
CLAMP
VDD
CURRENT SOURCE/SINK
POWER SUPPLY
VTT
GND
VCCQ
VA
VCCQ
SUPPLY
V
A
FAN6555
EVAL
ITT
2A SOURCING
1A SOURCING
VTT VARIANCE WITH VDD@ITT (VCCQ 2.5V)
TESTED WITH EVAL PCB
ITT
2A SINKING
1A SINKING
0A SINKING
1.29
1.28
1.27
1.26
VDD (V)
2.0
2.5
3.0
4.0
3.5


유사한 부품 번호 - FAN6555

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
   2A DDR Bus Termination Regulator
More results

유사한 설명 - FAN6555

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR5513 UTC-UR5513 Datasheet
285Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
   2A DDR Bus Termination Regulator
logo
E-Tech Electronics LTD
UR5512 ETL-UR5512 Datasheet
218Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992B GMT-G2992B Datasheet
91Kb / 1P
   2A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5512 UTC-UR5512_14 Datasheet
184Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
UR6511 UTC-UR6511 Datasheet
139Kb / 4P
   2A DDR BUS TERMINATION REGULATOR
UR5512 UTC-UR5512_09 Datasheet
207Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com