전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC6308P 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FDC6308P
상세설명  Dual P-Channel 2.5V Specified PowerTrench??MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6308P 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FDC6308P Datasheet HTML 1Page - Fairchild Semiconductor FDC6308P Datasheet HTML 2Page - Fairchild Semiconductor FDC6308P Datasheet HTML 3Page - Fairchild Semiconductor FDC6308P Datasheet HTML 4Page - Fairchild Semiconductor FDC6308P Datasheet HTML 5Page - Fairchild Semiconductor FDC6308P Datasheet HTML 6Page - Fairchild Semiconductor FDC6308P Datasheet HTML 7Page - Fairchild Semiconductor FDC6308P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDC6308P Rev. C
Typical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation
with Drain Current and Gate Voltage.
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.
Figure 3. On-Resistance Variation
with Temperature.
Figure 4. On-Resistance Variation
with Gate-to-Source Voltage.
0.0001
0.001
0.01
0.1
1
10
00.2
0.4
0.6
0.811.2
1.4
1.6
-VSD, BODY DIODE VOLTAGE (V)
TJ=125
oC
25
oC
-55
oC
VGS=0
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0246
8
10
- ID, DRAIN CURRENT (A)
VGS = -2.5V
-3.5V
-4.5V
-3.0V
-4.0V
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = -1.7A
VGS = -4.5V
0
0.1
0.2
0.3
0.4
0.5
12
34
5
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -0.9A
T
A = 125
oC
T
A = 25
oC
0
2
4
6
8
10
0.51.5
2.53.5
4.55.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
o
C
125
o
C
VDS = -5V
0
2
4
6
8
10
01234
5
-VDS, DRAIN-SOURCE VOLTAGE (V)
V
GS = -4.5V
-2.5V
-3.5V
-3.0v
-2.0V
-4.0V


유사한 부품 번호 - FDC6308P

제조업체부품명데이터시트상세설명
logo
TECH PUBLIC Electronics...
FDC6308P TECHPUBLIC-FDC6308P Datasheet
2Mb / 4P
   Dual P-Channel 20V (D-S) MOSFET
More results

유사한 설명 - FDC6308P

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDC6306P FAIRCHILD-FDC6306P Datasheet
235Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrench??MOSFET
USB10H FAIRCHILD-USB10H Datasheet
241Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2502P FAIRCHILD-FDW2502P_03 Datasheet
145Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2504P FAIRCHILD-FDW2504P_02 Datasheet
121Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
SI9934DY FAIRCHILD-SI9934DY Datasheet
52Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2502PZ FAIRCHILD-FDW2502PZ Datasheet
87Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS9933 FAIRCHILD-FDS9933 Datasheet
94Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDW2504P KEXIN-KDW2504P Datasheet
63Kb / 2P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS9933 FAIRCHILD-FDS9933_06 Datasheet
372Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS6815 FAIRCHILD-FDS6815 Datasheet
231Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench??MOSFET
FDW2506P FAIRCHILD-FDW2506P Datasheet
93Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com