전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24C256WI-G 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 CAT24C256WI-G
상세설명  256 kb I2C CMOS Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C256WI-G 데이터시트(HTML) 3 Page - ON Semiconductor

  CAT24C256WI-G Datasheet HTML 1Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 2Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 3Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 4Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 5Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 6Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 7Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 8Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CAT24C256
http://onsemi.com
3
Table 5. D.C. OPERATING CHARACTERISTICS − New Product (Rev E) (Note 7)
(VCC = 1.8 V to 5.5 V, TA = −40°C to +85°C and VCC = 2.5 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Max
Units
ICCR
Read Current
Read, fSCL = 400 kHz/1 MHz
1
mA
ICCW
Write Current
3
mA
ISB
Standby Current
All I/O Pins at GND or VCC
TA = −40°C to +85°C
2
mA
TA = −40°C to +125°C
5
IL
I/O Pin Leakage
Pin at GND or VCC
TA = −40°C to +85°C
1
mA
TA = −40°C to +125°C
2
VIL1
Input Low Voltage
2.5 V ≤ VCC ≤ 5.5 V
−0.5
0.3 VCC
V
VIL2
Input Low Voltage
1.8 V ≤ VCC < 2.5 V
−0.5
0.25 VCC
V
VIH1
Input High Voltage
2.5 V ≤ VCC ≤ 5.5 V
0.7 VCC
VCC + 0.5
V
VIH2
Input High Voltage
1.8 V ≤ VCC < 2.5 V
0.75 VCC
VCC + 0.5
V
VOL1
Output Low Voltage
VCC ≥ 2.5 V, IOL = 3.0 mA
0.4
V
VOL2
Output Low Voltage
VCC < 2.5 V, IOL = 1.0 mA
0.2
V
Table 6. PIN IMPEDANCE CHARACTERISTICS − New Product (Rev E) (Note 7)
(VCC = 1.8 V to 5.5 V, TA = −40°C to +85°C and VCC = 2.5 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Max
Units
CIN (Note 8)
SDA I/O Pin Capacitance
VIN = 0 V
8
pF
CIN (Note 8)
Input Capacitance (other pins)
VIN = 0 V
6
pF
IWP, IA (Note 9)
WP Input Current, Address Input
Current (A0, A1, A2)
VIN < VIH, VCC = 5.5 V
75
mA
VIN < VIH, VCC = 3.3 V
50
VIN < VIH, VCC = 1.8 V
25
VIN > VIH
2
7. The new product Rev E is identified by letter “E” or a dedicated marking code on top of the package.
8. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
9. When not driven, the WP, A0, A1, A2 pins are pulled down to GND internally. For improved noise immunity, the internal pull−down is relatively
strong; therefore the external driver must be able to supply the pull−down current when attempting to drive the input HIGH. To conserve power,
as the input level exceeds the trip point of the CMOS input buffer (~ 0.5 x VCC), the strong pull−down reverts to a weak current source.


유사한 부품 번호 - CAT24C256WI-G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24C256WI-GT2 ONSEMI-CAT24C256WI-GT2 Datasheet
187Kb / 14P
   256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C256WI-GT3 CATALYST-CAT24C256WI-GT3 Datasheet
547Kb / 14P
   256-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C256WI-GT3 ONSEMI-CAT24C256WI-GT3 Datasheet
187Kb / 14P
   256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
CAT24C256WI-GT3 ONSEMI-CAT24C256WI-GT3 Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256WI-GT3 ONSEMI-CAT24C256WI-GT3 Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
More results

유사한 설명 - CAT24C256WI-G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
   256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256LI ONSEMI-CAT24C256LI Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256YI-G ONSEMI-CAT24C256YI-G Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAT24C256HU4IGT3 ONSEMI-CAT24C256HU4IGT3 Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256 ONSEMI-CAT24C256 Datasheet
187Kb / 14P
   256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C256 CATALYST-CAT24C256 Datasheet
547Kb / 14P
   256-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com