전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N136SDM 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 6N136SDM
상세설명  Single-Channel: 6N135M, 6N136M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N136SDM 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  6N136SDM Datasheet HTML 1Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 2Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 3Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 4Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 5Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 6Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 7Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 8Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N13XM, HCPLXXXM Rev. 1.0.6
5
Electrical Characteristics (Continued)
(TA = 0 to 70°C unless otherwise specified. Typical values are measured at TA = 25°C and VCC = 5V.)
Switching Characteristics (VCC = 5V)
Notes:
6. The 4.1k
Ω load represents 1 LSTTL unit load of 0.36mA and 6.1kΩ pull-up resistor.
7. The 1.9k
Ω load represents 1 TTL unit load of 1.6mA and 5.6kΩ pull-up resistor.
8. Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the leading edge
of the common mode pulse signal VCM, to assure that the output will remain in a logic high state (i.e., VO > 2.0V).
Common mode transient immunity in logic low level is the maximum tolerable (negative) dVcm/dt on the trailing edge
of the common mode pulse signal, VCM, to assure that the output will remain in a logic low state (i.e., VO < 0.8V).
Symbol Parameter
Test Conditions
Device
Min.
Typ.
Max.
Unit
tPHL
Propagation Delay
Time to Logic LOW
TA = 25°C, RL = 4.1kΩ,
IF = 16mA
(6) (Fig. 7)
6N135M
0.23
1.5
µs
HCPL2530M
RL = 1.9kΩ, IF = 16mA,
TA = 25°C
(7) (Fig. 7)
6N136M
HCPL4503M
0.25
0.8
µs
HCPL2531M
RL = 4.1kΩ, IF = 16mA
(6) (Fig. 7)
6N135M
HCPL2530M
2.0
µs
RL = 1.9kΩ, IF = 16mA
(7) (Fig. 7)
6N136M
HCPL4503M
HCPL2531M
1.0
µs
tPLH
Propagation Delay
Time to Logic HIGH
TA = 25°C, (RL = 4.1kΩ,
IF = 16mA
(6) (Fig. 7)
6N135M
0.45
1.5
µs
HCPL2530M
RL = 1.9kΩ, IF = 16mA
(7) (Fig. 7)
TA = 25°C
6N136M
HCPL4503M
0.26
0.8
µs
HCPL2531M
RL = 4.1kΩ, IF = 16mA
(6) (Fig. 7)
6N135M
HCPL2530M
2.0
µs
RL = 1.9kΩ, IF = 16mA
(7) (Fig. 7)
6N136M
HCPL4503M
HCPL2531M
1.0
µs
|CMH|
Common Mode
Transient
Immunity at
Logic High
IF = 0mA, VCM = 10VP-P,
RL = 4.1kΩ, TA = 25°C
(8) (Fig. 8)
6N135M
HCPL2530M
10,000
V/µs
IF = 0mA, VCM = 10VP-P,
RL = 1.9kΩ, TA = 25°C
(8) (Fig. 8)
6N136M
HCPL2531M
10,000
V/µs
IF = 0mA, VCM = 1,500VP-P,
RL = 1.9kΩ, TA = 25°C
(8) (Fig. 8)
HCPL4503M
15,000
50,000
|CML|
Common Mode
Transient
Immunity at
Logic Low
IF = 16mA, VCM = 10VP-P,
RL = 4.1kΩ, TA = 25°C
(8) (Fig. 8)
6N135M
HCPL2530M
10,000
V/µs
IF = 16mA, VCM = 10VP-P,
RL = 1.9kΩ
(8) (Fig. 8)
6N136M
HCPL2531M
10,000
V/µs
IF = 0mA, VCM = 1,500VP-P,
RL = 1.9kΩ, TA = 25°C
(8) (Fig. 8)
HCPL4503M
15,000
50,000


유사한 부품 번호 - 6N136SDM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
6N136SD FAIRCHILD-6N136SD Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N136SD FAIRCHILD-6N136SD Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
6N136SDV FAIRCHILD-6N136SDV Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N136SDV FAIRCHILD-6N136SDV Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
More results

유사한 설명 - 6N136SDM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HCPL4503M FAIRCHILD-HCPL4503M_10 Datasheet
422Kb / 15P
   Single-Channel: 6N135M, 6N136M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M (Preliminary)
6N135M FAIRCHILD-6N135M_10 Datasheet
422Kb / 15P
   Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2530-000E AVAGO-HCPL-2530-000E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2530 HP-HCPL2530 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com