전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN1112DX 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FAN1112DX
상세설명  1A 1.2V Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1112DX 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FAN1112DX Datasheet HTML 1Page - Fairchild Semiconductor FAN1112DX Datasheet HTML 2Page - Fairchild Semiconductor FAN1112DX Datasheet HTML 3Page - Fairchild Semiconductor FAN1112DX Datasheet HTML 4Page - Fairchild Semiconductor FAN1112DX Datasheet HTML 5Page - Fairchild Semiconductor FAN1112DX Datasheet HTML 6Page - Fairchild Semiconductor FAN1112DX Datasheet HTML 7Page - Fairchild Semiconductor FAN1112DX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FAN1112
PRODUCT SPECIFICATION
REV. 1.0.1 9/27/01
3
Electrical Characteristics
Operating Conditions: VIN ≤ 7V, TJ = 25°C unless otherwise specified.
The
• denotes specifications which apply over the specified operating temperature range.
Notes:
1. See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulation are
measured at a constant junction temperature by low duty cycle pulse testing.
2. Line and load regulation are guaranteed up to the maximum power dissipation (18W). Power dissipation is determined by
input/output differential and the output current. Guaranteed maximum output power will not be available over the full input/
output voltage range.
3. Output current must be limited to meet the absolute maximum ratings of the part.
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage3
10mA
≤ I
OUT ≤ 1A
FAN1112, 3.0V
≤ V
IN ≤ 7.2V
1.140
1.200
1.260
V
Line Regulation1,2
3.0V
≤ V
IN ≤ 12V, IOUT = 10mA
0.005
0.2
%
Load Regulation1,2
(VIN – VOUT) = 2V, 10mA ≤ IOUT ≤ 1A
0.05
0.5
%
Dropout Voltage
∆V
REF = 1%, IOUT = 1A
1.100
1.200
V
Current Limit
(VIN – VOUT) = 2V
1.1
1.5
A
GND Pin Current
35
120
µA
GND Pin Current Change
3.0V
≤ V
IN ≤ 7V, 10mA ≤ IOUT ≤ 1A
0.2
5
µA
Minimum Load Current
3.0V
≤ V
IN ≤ 15V
10
mA
Quiescent Current
VIN = 7V
413
mA
Ripple Rejection
f = 120Hz, COUT = 22µF Tantalum,
(VIN – VOUT) = 3V, IOUT = 1A
60
72
dB
Thermal Regulation
TA = 25°C, 30ms pulse
0.004
0.02
%/W
Temperature Stability
0.5
%
Long-Term Stability
TA = 125°C, 1000hrs.
0.03
1.0
%
RMS Output Noise
(% of VOUT)
TA = 25°C, 10Hz ≤ f ≤ 10kHz
0.003
%
Thermal Resistance, Junction
to Case
SOT-223
15
°C/W
TO-252
3
°C/W
Thermal Shutdown
Junction Temperature
155
°C
Thermal Shutdown
Hysteresis
10
°C


유사한 부품 번호 - FAN1112DX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1112D FAIRCHILD-FAN1112D Datasheet
39Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
More results

유사한 설명 - FAN1112DX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1112SX FAIRCHILD-FAN1112SX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112 FAIRCHILD-FAN1112 Datasheet
39Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117_10 Datasheet
215Kb / 12P
   1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com