전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD2670 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FDD2670
상세설명  200V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD2670 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FDD2670 Datasheet HTML 1Page - Fairchild Semiconductor FDD2670 Datasheet HTML 2Page - Fairchild Semiconductor FDD2670 Datasheet HTML 3Page - Fairchild Semiconductor FDD2670 Datasheet HTML 4Page - Fairchild Semiconductor FDD2670 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDD2670 Rev C1(W)
Typical Characteristics
0
5
10
15
20
02
468
10
VDS, DRAIN-SOURCE VOLTAGE (V)
6.0V
6.5V
5.5V
VGS = 10V
0.8
1
1.2
1.4
1.6
04
8
12
16
20
ID, DRAIN CURRENT (A)
VGS = 5.5V
6.0V
10.0V
6.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
I
D = 3.6A
V
GS = 10V
0
0.1
0.2
0.3
0.4
456789
10
VGS, GATE TO SOURCE VOLTAGE (V)
I
D = 1.8 A
T
A = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
6
12
18
24
30
345678
VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VDS = 15V
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


유사한 부품 번호 - FDD2670

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FDD2670 ISC-FDD2670 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FDD2670

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDC2612 FAIRCHILD-FDC2612 Datasheet
201Kb / 5P
   200V N-Channel PowerTrench MOSFET
logo
Kersemi Electronic Co.,...
KSM2614 KERSEMI-KSM2614 Datasheet
1Mb / 7P
   200V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDP2670 FAIRCHILD-FDP2670 Datasheet
83Kb / 5P
   200V N-Channel PowerTrench MOSFET
FDS2170N3 FAIRCHILD-FDS2170N3 Datasheet
201Kb / 6P
   200V N-Channel PowerTrench??MOSFET
logo
Guangdong Kexin Industr...
KDB2670 KEXIN-KDB2670 Datasheet
51Kb / 2P
   200V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS2670 FAIRCHILD-FDS2670 Datasheet
339Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDD2612 FAIRCHILD-FDD2612 Datasheet
110Kb / 5P
   200V N-Channel PowerTrench MOSFET
FDB2614 FAIRCHILD-FDB2614 Datasheet
759Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDP2614 FAIRCHILD-FDP2614 Datasheet
349Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDS2170N7 FAIRCHILD-FDS2170N7 Datasheet
209Kb / 6P
   200V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com