전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

1SV172TE85LF 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 1SV172TE85LF
부품 상세설명  VHF~UHF Band RF Attenuator Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SV172TE85LF 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  1SV172TE85LF Datasheet HTML 1Page - Toshiba Semiconductor 1SV172TE85LF Datasheet HTML 2Page - Toshiba Semiconductor 1SV172TE85LF Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SV172
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Pin Type
1SV172
VHF~UHF Band RF Attenuator Applications
• Useful for small size tuner
• Small total capacitance: CT = 0.25 pF (typ.)
• Low series resistance: rs = 3 Ω (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Reverse voltage
VR
50
V
Forward current
IF
50
mA
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse voltage
VR
IR = 10 μA
50
V
Reverse current
IR
VR = 50 V
0.1
μA
Forward voltage
VF
IF = 50 mA
0.95
V
Total capacitance
(Note)
CT
VR = 50 V, f = 1 MHz
0.25
pF
Series resistance
rs
IF = 10 mA, f = 100 MHz
3
Ω
Note: CT is measured by 3 terminal method with capacitance bridge.
Marking
Unit: mm
JEDEC
JEITA
SC-59
TOSHIBA
1-3G1G
Weight: 0.013 g (typ.)


유사한 부품 번호 - 1SV172TE85LF

제조업체부품명데이터시트부품 상세설명
Toshiba Semiconductor
Toshiba Semiconductor
1SV172 TOSHIBA-1SV172 Datasheet
94Kb / 2P
   DIODE (VHF~UHF BAND RF ATTENUATOR APPLICATIONS)
1SV172 TOSHIBA-1SV172 Datasheet
201Kb / 3P
   VHF~UHF Band RF Attenuator Applications
NXP Semiconductors
NXP Semiconductors
1SV172 NXP-1SV172 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
Toshiba Semiconductor
Toshiba Semiconductor
1SV172 TOSHIBA-1SV172_07 Datasheet
201Kb / 3P
   VHF~UHF Band RF Attenuator Applications
More results

유사한 설명 - 1SV172TE85LF

제조업체부품명데이터시트부품 상세설명
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
1SV128 KEXIN-1SV128 Datasheet
34Kb / 1P
   VHF~UHF BAND RF ATTENUATOR APPLICATIONS
Toshiba Semiconductor
Toshiba Semiconductor
1SV237TE85LF TOSHIBA-1SV237TE85LF Datasheet
125Kb / 3P
   VHF~UHF Band RF Attenuator Applications
1SV271 TOSHIBA-1SV271_07 Datasheet
193Kb / 3P
   VHF~UHF Band RF Attenuator Applications
1SV312 TOSHIBA-1SV312_07 Datasheet
107Kb / 2P
   VHF~UHF Band RF Attenuator Applications
JDP2S01T TOSHIBA-JDP2S01T_07 Datasheet
202Kb / 3P
   UHF~VHF Band RF Attenuator Applications
JDP2S02S TOSHIBA-JDP2S02S_07 Datasheet
114Kb / 3P
   UHF~VHF Band RF Attenuator Applications
JDP2S01U TOSHIBA-JDP2S01U Datasheet
77Kb / 2P
   UHF~VHF Band RF Attenuator Applications
1SV252 TOSHIBA-1SV252_07 Datasheet
198Kb / 3P
   VHF~UHF Band RF Attenuator Applications
JDP2S02AS TOSHIBA-JDP2S02AS Datasheet
114Kb / 3P
   UHF~VHF Band RF Attenuator Applications
JDP2S04E TOSHIBA-JDP2S04E_14 Datasheet
153Kb / 3P
   VHF-UHF Band RF Attenuator Applications
More results


Html Pages

1  2  3 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz