전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD6612A 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FDD6612A
상세설명  N-Channel, Logic Level, PowerTrench??MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6612A 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FDD6612A Datasheet HTML 1Page - Fairchild Semiconductor FDD6612A Datasheet HTML 2Page - Fairchild Semiconductor FDD6612A Datasheet HTML 3Page - Fairchild Semiconductor FDD6612A Datasheet HTML 4Page - Fairchild Semiconductor FDD6612A Datasheet HTML 5Page - Fairchild Semiconductor FDD6612A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDD6612A/FDU6612A Rev. E(W)
Typical Characteristics
0
10
20
30
40
50
60
0
1
2
3
4
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 10V
4.5V
3.5V
3.0V
6.0V
4.0V
5.0V
0.8
1
1.2
1.4
1.6
1.8
2
0
10
20
30
40
ID, DRAIN CURRENT (A)
VGS = 3.5V
4.5V
5.0V
10V
4.0V
6.0V
Figure 1. On-Region Characteristics
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 9.5A
VGS = 10V
0.01
0.02
0.03
0.04
0.05
0.06
2
4
6
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 5 A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation
withTemperature
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage
0
10
20
30
40
50
60
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
-55
oC
25
oC
VDS = 5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25
oC
-55
oC
Figure 5. Transfer Characteristics
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature


유사한 부품 번호 - FDD6612A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results

유사한 설명 - FDD6612A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDMS9409L_F085 ONSEMI-FDMS9409L_F085 Datasheet
604Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
October 2016 Rev. 1.0
FDD9411L_F085 ONSEMI-FDD9411L_F085 Datasheet
580Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
FDD9409L_F085 ONSEMI-FDD9409L_F085 Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP7045L FAIRCHILD-FDP7045L_04 Datasheet
110Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDB7045L KEXIN-KDB7045L Datasheet
58Kb / 2P
   N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDD6035AL FAIRCHILD-FDD6035AL Datasheet
119Kb / 6P
   N-Channel, Logic Level, PowerTrench MOSFET
FDD6680A FAIRCHILD-FDD6680A Datasheet
200Kb / 8P
   N-Channel, Logic Level, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com