전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM741CN 데이터시트(PDF) 2 Page - Texas Instruments

부품명 LM741CN
상세설명  LM741 Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM741CN 데이터시트(HTML) 2 Page - Texas Instruments

  LM741CN Datasheet HTML 1Page - Texas Instruments LM741CN Datasheet HTML 2Page - Texas Instruments LM741CN Datasheet HTML 3Page - Texas Instruments LM741CN Datasheet HTML 4Page - Texas Instruments LM741CN Datasheet HTML 5Page - Texas Instruments LM741CN Datasheet HTML 6Page - Texas Instruments LM741CN Datasheet HTML 7Page - Texas Instruments LM741CN Datasheet HTML 8Page - Texas Instruments LM741CN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LM741
SNOSC25C – MAY 1998 – REVISED MARCH 2013
www.ti.com
Typical Application
Figure 4. Offset Nulling Circuit
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
LM741A
LM741
LM741C
Supply Voltage
±22V
±22V
±18V
Power Dissipation (4)
500 mW
500 mW
500 mW
Differential Input Voltage
±30V
±30V
±30V
Input Voltage (5)
±15V
±15V
±15V
Output Short Circuit Duration
Continuous
Continuous
Continuous
Operating Temperature Range
−55°C to +125°C
−55°C to +125°C
0°C to +70°C
Storage Temperature Range
−65°C to +150°C
−65°C to +150°C
−65°C to +150°C
Junction Temperature
150°C
150°C
100°C
Soldering Information
P0008E-Package (10 seconds)
260°C
260°C
260°C
NAB0008A- or LMC0008C-Package (10 seconds)
300°C
300°C
300°C
M-Package
Vapor Phase (60 seconds)
215°C
215°C
215°C
Infrared (15 seconds)
215°C
215°C
215°C
ESD Tolerance (6)
400V
400V
400V
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(2)
For military specifications see RETS741X for LM741 and RETS741AX for LM741A.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
For operation at elevated temperatures, these devices must be derated based on thermal resistance, and Tj max. (listed under “Absolute
Maximum Ratings”). Tj = TA + (θjA PD).
(5)
For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
(6)
Human body model, 1.5 k
Ω in series with 100 pF.
Electrical Characteristics
(1)
LM741A
LM741
LM741C
Parameter
Test Conditions
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
TA = 25°C
RS ≤ 10 kΩ
1.0
5.0
2.0
6.0
mV
RS ≤ 50Ω
0.8
3.0
TAMIN ≤ TA ≤ TAMAX
RS ≤ 50Ω
4.0
mV
RS ≤ 10 kΩ
6.0
7.5
Average Input Offset Voltage
15
μV/°C
Drift
(1)
Unless otherwise specified, these specifications apply for VS = ±15V, −55°C ≤ TA ≤ +125°C (LM741/LM741A). For the LM741C/LM741E,
these specifications are limited to 0°C
≤ TA ≤ +70°C.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM741


유사한 부품 번호 - LM741CN

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM741CN NSC-LM741CN Datasheet
213Kb / 8P
   Operational Amplifier
May 1998
logo
Fairchild Semiconductor
LM741CN FAIRCHILD-LM741CN Datasheet
114Kb / 10P
   Single Operational Amplifier
logo
Intersil Corporation
LM741CN INTERSIL-LM741CN Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
logo
Fairchild Semiconductor
LM741CN FAIRCHILD-LM741CN Datasheet
183Kb / 10P
   Single Operational Amplifier
logo
Intersil Corporation
LM741CN INTERSIL-LM741CN Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
More results

유사한 설명 - LM741CN

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com