전자부품 데이터시트 검색엔진 |
|
UC1706L 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
UC1706L 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 8 page 2 UC1706 UC2706 UC3706 DIL-16, SOIC-16 (TOP VIEW) J or N Package, DW Package PLCC-20, LCC-20 (TOP VIEW) Q, L Packages ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . N--Pkg . . . . . . . . . . . . . . . J--Pkg Supply Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . 40V . . . . . . . . . . . . . . . . . . 40V Collector Supply Voltage, VC . . . . . . . . . . . . . . . . . . 40V . . . . . . . . . . . . . . . . . . 40V Output Current (Each Output, Source or Sink) Steady--State . . . . . . . . . . . . . . . . . . . . . . . . . . ±500mA. . . . . . . . . . . . . . . ±500mA Peak Transient . . . . . . . . . . . . . . . . . . . . . . . . . . ±1.5A. . . . . . . . . . . . . . . . . ±1.0A Capacitive Discharge Energy . . . . . . . . . . . . . . . 20 µJ . . . . . . . . . . . . . . . . . . . 15 µJ Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V . . . . . . . . . . . . . . . . . 5.5V Analog Stop Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . VIN . . . . . . . . . . . . . . . . . . . . VIN Power Dissipation at TA = 25°C (See Note) . . . . . . . 2W . . . . . . . . . . . . . . . . . . 1W Power Dissipation at T (Leads/Case) = 25°C . . . . . . 5W . . . . . . . . . . . . . . . . . . . 2 (See Note) Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . --55°C to +125°C Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . --65°C to +150°C Lead Temperature (Soldering, 10 Seconds) . . . . . . . . . . . . . . . . 300°C Note: All voltages are with respect to the four ground pins which must be connected together. All currents are positive into, negative out of the specified trerminal. Consult Packaging sections of the Databook for thermal limitations and considerations of package. VIN INHIBIT REF A INHIBIT GROUND GROUND STOP NON-INV. BOUTPUT STOP INV. 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 INV. INPUT B INHIBIT VC AOUTPUT FLIP/FLOP N.I. INPUT GROUND GROUND CONNECTION DIAGRAMS Note: All four ground pins must be connected to a common ground. 3 18 17 16 N/C 1 220 19 15 14 4 5 6 7 8 911 10 12 13 B INHIBIT INV INPUT A INHIBIT INHIBIT REF VIN GROUND N/C GROUND BOUTPUT N.I.INPUT GROUND N/C GROUND AOUTPUT STOP INV. STOP NON-INV. N/C FLIP/FLOP VC ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = –55°C to +125°C for the UC1706, –25°C to +85°C for the UC2706 and 0°C to +70°C for the UC3706; VIN = VC = 20V. TA =TJ. PARAMETERS TEST CONDITIONS MIN TYP MAX UNITS VIN Supply Current VIN = 40V 8 10 mA VC Supply Current VC = 40V, Outputs Low 4 5 mA VC Leakage Current VIN = 0, VC = 30V, No Load .05 0.1 mA Digital Input Low Level 0.8 V Digital Input High Level 2.2 V Input Current VI = 0 –0.6 –1.0 mA Input Leakage VI = 5V .05 0.1 mA |
유사한 부품 번호 - UC1706L |
|
유사한 설명 - UC1706L |