전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UCC3626DW 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 UCC3626DW
상세설명  BRUSHLESS DC MOTOR CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3626DW 데이터시트(HTML) 3 Page - Texas Instruments

  UCC3626DW Datasheet HTML 1Page - Texas Instruments UCC3626DW Datasheet HTML 2Page - Texas Instruments UCC3626DW Datasheet HTML 3Page - Texas Instruments UCC3626DW Datasheet HTML 4Page - Texas Instruments UCC3626DW Datasheet HTML 5Page - Texas Instruments UCC3626DW Datasheet HTML 6Page - Texas Instruments UCC3626DW Datasheet HTML 7Page - Texas Instruments UCC3626DW Datasheet HTML 8Page - Texas Instruments UCC3626DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
UCC2626, UCC3626
SLUS318B – APRIL 1999 – REVISED JANUARY 2002
3
www.ti.com
block diagram
UDG–97173
17
HALLC
8
DIR_OUT
14
PWM_NI
13
PWM_I
16
HALLB
SYNCH
11
OC_REF
9
SNS_I
3
4
1
5
22
CLOW
C_TACH
R_TACH
TACH_OUT
GND
2
VREF
27
AHI
25
BHI
23
CHI
26
ALOW
10
SNS_NI
IOUT
7
6
12
CT
18
COAST
21
DIR_IN
15
HALLA
19
BRAKE
20
QUAD
SENSE AMPLIFIER
OVERCURRENT
COMPARATOR
OSCILLATOR
DIRECTION
DETECTOR
EDGE
DETECTOR
28
VDD
ONE
SHOT
5 VOLT
REFERENCE
S
R
PWM LOGIC
24
BLOW
1.75V
DIRECTION
SELECT
HALL
DECODER
PWM
COMPARATOR
X5
S
R
RxC
Q
Q
Q
Q


유사한 부품 번호 - UCC3626DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UCC3626DW TI1-UCC3626DW Datasheet
688Kb / 23P
[Old version datasheet]   BRUSHLESS ESS DC MOTOR CONTROLLER
UCC3626DWTR TI1-UCC3626DWTR Datasheet
688Kb / 23P
[Old version datasheet]   BRUSHLESS ESS DC MOTOR CONTROLLER
UCC3626DWTRG4 TI1-UCC3626DWTRG4 Datasheet
688Kb / 23P
[Old version datasheet]   BRUSHLESS ESS DC MOTOR CONTROLLER
More results

유사한 설명 - UCC3626DW

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com