전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VNH2SP30TR-E 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 VNH2SP30TR-E
상세설명  Automotive fully integrated H-bridge motor driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30TR-E 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button VNH2SP30TR-E Datasheet HTML 7Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 8Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 9Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 10Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 11Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 12Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 13Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 14Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
VNH2SP30-E
Electrical specifications
11/33
Figure 4.
Definition of the delay times measurement
Table 11.
Current sense (9V < VCC <16V)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
K1
IOUT/ISENSE
IOUT = 30A; RSENSE =1.5kΩ;
Tj = -40 to 150°C
9665
11370
13075
K2
IOUT/ISENSE
IOUT =8A; RSENSE =1.5kΩ;
Tj = -40 to 150°C
9096
11370
13644
dK1 /K1
(1)
1.
Analog sense current drift is deviation of factor K for a given device over (-40°C to 150°C and
9V < VCC < 16V) with respect to its value measured at Tj = 25°C, VCC =13V.
Analog sense current drift
IOUT = 30A; RSENSE =1.5kΩ;
Tj = -40 to 150°C
-8
+8
%
dK2 /K2
(1)
Analog sense current drift
IOUT >8A; RSENSE =1.5kΩ;
Tj = -40 to 150°C
-10
+10
ISENSEO
Analog sense leakage
current
IOUT =0A; VSENSE =0V;
Tj = -40 to 150°C
065
µA
t
t
VINB
VINA
t
PWM
t
ILOAD
tDEL
tDEL


유사한 부품 번호 - VNH2SP30TR-E

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
VNH2SP30 STMICROELECTRONICS-VNH2SP30 Datasheet
228Kb / 26P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
September 2004 Rev. 1
VNH2SP30-E STMICROELECTRONICS-VNH2SP30-E Datasheet
228Kb / 26P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
September 2004 Rev. 1
VNH2SP30-E STMICROELECTRONICS-VNH2SP30-E Datasheet
1Mb / 22P
   for car body applications
More results

유사한 설명 - VNH2SP30TR-E

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
   Automotive fully integrated H-bridge motor driver
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
   Automotive fully integrated H-bridge motor driver
March 2019 Rev 5
VNH7100AS STMICROELECTRONICS-VNH7100AS Datasheet
1Mb / 38P
   Automotive fully integrated H-bridge motor driver
October 2015 Rev 4
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
   Automotive fully integrated H-bridge motor driver
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
533Kb / 31P
   Automotive fully integrated H-bridge motor driver
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
   Automotive fully integrated H-bridge motor driver
March 2017 Rev 2
VNH3ASP30-E STMICROELECTRONICS-VNH3ASP30-E Datasheet
138Kb / 18P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
VNH2SP30 STMICROELECTRONICS-VNH2SP30 Datasheet
228Kb / 26P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
September 2004 Rev. 1
VNH5250AS-E STMICROELECTRONICS-VNH5250AS-E Datasheet
318Kb / 18P
   Automotive fully integrated H-bridge motor driver
September 2013 Rev 2
VNH7070AS STMICROELECTRONICS-VNH7070AS Datasheet
1Mb / 38P
   Automotive fully integrated H-bridge motor driver
October 2015 Rev 3
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
   Automotive fully integrated H-bridge motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com