전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8338ACPZ-RL 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8338ACPZ-RL
상세설명  Low Power, 18 MHz Variable Gain Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8338ACPZ-RL 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8338ACPZ-RL Datasheet HTML 7Page - Analog Devices AD8338ACPZ-RL Datasheet HTML 8Page - Analog Devices AD8338ACPZ-RL Datasheet HTML 9Page - Analog Devices AD8338ACPZ-RL Datasheet HTML 10Page - Analog Devices AD8338ACPZ-RL Datasheet HTML 11Page - Analog Devices AD8338ACPZ-RL Datasheet HTML 12Page - Analog Devices AD8338ACPZ-RL Datasheet HTML 13Page - Analog Devices AD8338ACPZ-RL Datasheet HTML 14Page - Analog Devices AD8338ACPZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD8338
Rev. 0 | Page 11 of 16
0
–10
–100
–90
–80
–70
–60
–50
–40
–30
–20
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 34. PSRR vs. Frequency
0.6
0.1
0
–1.0
1.0
0
10
30
40
5
25
20
15
35
TIME (µs)
AGC VOLTAGE
OUTPUT VOLTAGE
Figure 35. AGC Response vs. Time, No Load
0.6
0.1
0
–1.0
1.0
0
2
6
10
9
8
1
5
4
3
7
TIME (ms)
AGC VOLTAGE
OUTPUT VOLTAGE
Figure 36. AGC Response vs. Time, CL = 0.01 µF
3.0
0
0.5
1.0
1.5
2.0
2.5
20k
100k
RESISTANCE (Ω)
VS = 3V
VS = 5V
Figure 37. Output Common-Mode Voltage vs. RCM to VBAT
3.0
0
0.5
1.0
1.5
2.0
2.5
10k
100k
RESISTANCE (Ω)
VS = 3V
Figure 38. Output Common-Mode Voltage vs. RCM to COMM


유사한 부품 번호 - AD8338ACPZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8338ACPZ-RL AD-AD8338ACPZ-RL Datasheet
462Kb / 19P
   Low Power, 18 MHz Variable Gain Amplifier
More results

유사한 설명 - AD8338ACPZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8338 AD-AD8338_16 Datasheet
462Kb / 19P
   Low Power, 18 MHz Variable Gain Amplifier
logo
National Semiconductor ...
CLC5523 NSC-CLC5523 Datasheet
154Kb / 12P
   Low-Power, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603_07 Datasheet
551Kb / 24P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
AD603 AD-AD603 Datasheet
219Kb / 14P
   Low Noise, 90 MHz Variable-Gain Amplifier
REV. C
AD603 AD-AD603_05 Datasheet
605Kb / 20P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. G
AD603 AD-AD603_15 Datasheet
994Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
AD603 AD-AD603_17 Datasheet
815Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
Analog Devices
AD8330 AD-AD8330 Datasheet
681Kb / 28P
   Low Cost DC-150 MHz Variable Gain Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com