전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4108S 데이터시트(PDF) 10 Page - Analog Devices

부품명 ADF4108S
상세설명  PLL Frequency Synthesizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4108S 데이터시트(HTML) 10 Page - Analog Devices

Back Button ADF4108S Datasheet HTML 6Page - Analog Devices ADF4108S Datasheet HTML 7Page - Analog Devices ADF4108S Datasheet HTML 8Page - Analog Devices ADF4108S Datasheet HTML 9Page - Analog Devices ADF4108S Datasheet HTML 10Page - Analog Devices ADF4108S Datasheet HTML 11Page - Analog Devices ADF4108S Datasheet HTML 12Page - Analog Devices ADF4108S Datasheet HTML 13Page - Analog Devices ADF4108S Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ADF4108S
ASD0016548 Rev. A | Page 10 of 21
RF INPUT STAGE
The RF input stage is shown in Figure 5. It is followed by a two-stage limiting amplifier to generate the CML clock
levels needed for the prescaler.
Figure 5. Reference Input Stage
PRESCALER (P/P + 1)
The dual-modulus prescaler (P/P + 1), along with the A and B counters, enables the large division ratio, N, to be realized (N
= BP + A). The dual-modulus prescaler, operating at CML levels, takes the clock from the RF input stage and divides it
down to a manageable frequency for the CMOS A and B counters. The prescaler is programmable. It can be set in software
to 8/9, 16/17, 32/33, or 64/65. It is based on a synchronous 4/5 core. A minimum divide ratio is possible for contiguous
output frequencies. This minimum is determined by P, the prescaler value, and is given by (P
2 − P).
A AND B COUNTERS
The A and B CMOS counters combine with the dual-modulus prescaler to allow a wide ranging division ratio in the PLL
feedback counter. The counters are specified to work when the prescaler output is 300 MHz or less. Thus, with an RF input
frequency of 4.0 GHz, a prescaler value of 16/17 is valid but a value of 8/9 is not valid.
Pulse Swallow Function
The A and B counters, in conjunction with the dual-modulus prescaler, make it possible to generate output frequencies that
are spaced only by the reference frequency divided by R. The equation for the VCO frequency is as follows:
fVCO = [(P x B) + A] x fREFIN / R
Where:
f
VCO is the output frequency of external voltage controlled
oscillator (VCO).
P is the preset modulus of dual-modulus prescaler (8/9,
16/17, and so on.).
B is the preset divide ratio of binary 13-bit counter (3 to
8191). A is the preset divide ratio of binary 6-bit swallow
counter (0 to 63).
fREFIN is the external reference frequency oscillator.
Figure 6. A and B Counters


유사한 부품 번호 - ADF4108S

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4108BCPZ AD-ADF4108BCPZ Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4108BCPZ-RL AD-ADF4108BCPZ-RL Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4108BCPZ-RL7 AD-ADF4108BCPZ-RL7 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4108BRUZ AD-ADF4108BRUZ Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results

유사한 설명 - ADF4108S

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com