전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP7182CP-EVALZ 데이터시트(PDF) 11 Page - Anachip Corp

부품명 ADP7182CP-EVALZ
상세설명  ??8 V, ??00 mA, Low Noise, Linear Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANACHIP [Anachip Corp]
홈페이지  
Logo ANACHIP - Anachip Corp

ADP7182CP-EVALZ 데이터시트(HTML) 11 Page - Anachip Corp

Back Button ADP7182CP-EVALZ Datasheet HTML 7Page - Anachip Corp ADP7182CP-EVALZ Datasheet HTML 8Page - Anachip Corp ADP7182CP-EVALZ Datasheet HTML 9Page - Anachip Corp ADP7182CP-EVALZ Datasheet HTML 10Page - Anachip Corp ADP7182CP-EVALZ Datasheet HTML 11Page - Anachip Corp ADP7182CP-EVALZ Datasheet HTML 12Page - Anachip Corp ADP7182CP-EVALZ Datasheet HTML 13Page - Anachip Corp ADP7182CP-EVALZ Datasheet HTML 14Page - Anachip Corp ADP7182CP-EVALZ Datasheet HTML 15Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADP7182
Rev. A | Page 11 of 28
0
–200
–400
–600
–800
–1000
–1200
–1600
–1400
–5.4
–5.2
–5.0
–4.8
VIN (V)
ILOAD = –5mA
ILOAD = –10mA
ILOAD = –25mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 25. Ground Current vs. Input Voltage (VIN) in Dropout, VOUT = −5 V
–1.770
–1.775
–1.780
–1.785
–1.790
–1.795
–1.800
–1.805
–1.810
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
ILOAD = –100µA
ILOAD = –1mA
ILOAD = –10mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 26. Output Voltage (VOUT) vs. Junction Temperature (TJ), VOUT = −1.8 V
–1.790
–1.795
–1.800
–1.805
–1.810
–200
–150
–100
–50
0
ILOAD (mA)
Figure 27. Output Voltage (VOUT) vs. Load Current (ILOAD), VOUT = −1.8 V
–1.780
–1.785
–1.790
–1.795
–1.800
–1.805
–1.810
–30
–25
–20
–15
–10
–5
0
VIN (V)
ILOAD = –100µA
ILOAD = –1mA
ILOAD = –10mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 28. Output Voltage (VOUT) vs. Input Voltage (VIN), VOUT = −1.8 V
0
–100
–200
–300
–400
–500
–600
–700
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
ILOAD = –100µA
ILOAD = –1mA
ILOAD = –10mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 29. Ground Current vs. Junction Temperature (TJ), VOUT = −1.8 V
0
–100
–300
–500
–200
–400
–600
–700
–200
–150
–100
–50
0
ILOAD (mA)
Figure 30. Ground Current vs. Load Current (ILOAD), VOUT = −1.8 V


유사한 부품 번호 - ADP7182CP-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP7182CP-EVALZ AD-ADP7182CP-EVALZ Datasheet
995Kb / 31P
   Positive or negative enable logic
More results

유사한 설명 - ADP7182CP-EVALZ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS7A30 TI1-TPS7A30 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS7A3401 TI-TPS7A3401_15 Datasheet
997Kb / 27P
[Old version datasheet]   TPS7A3401 ??0-V, ??00-mA, Low-Noise Negative Voltage Regulator
logo
Analog Devices
ADP7142 AD-ADP7142 Datasheet
1Mb / 23P
   40 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. H
ADP7112 AD-ADP7112 Datasheet
584Kb / 21P
   20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
ADP7118 AD-ADP7118 Datasheet
915Kb / 24P
   20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
logo
ON Semiconductor
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com