전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM74ALS1035MX 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 DM74ALS1035MX
상세설명  Hex Non-Inverting Driver with Open Collector Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS1035MX 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  DM74ALS1035MX Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS1035MX Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS1035MX Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS1035MX Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Switching Characteristics
over recommended operating free air temperature range
Supply Voltage
7V
Input Voltage
7V
OFF-State Output Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
76.0
°C/W
M Package
106.5
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
VOH
HIGH Level Output Voltage
5.5
V
IOL
LOW Level Output Current
24
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.5
V
IOH
HIGH Level Output Current
VCC = 4.5V, VOH = 5.5V
100
µA
VOL
LOW Level
VCC = 4.5V
IOL = 12 mA
0.25
0.4
V
Output Voltage
IOL = 24 mA
0.35
0.5
V
II
Input Current @ Maximum Input Voltage VCC = 5.5V, VIH = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V
−0.1
mA
ICC
Supply Current
VCC = 5.5V
Outputs HIGH
3
6
mA
Outputs LOW
8
14
mA
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
530
ns
LOW-to-HIGH Level Output
RL = 680Ω
tPHL
Propagation Delay Time
CL = 50 pF
212
ns
HIGH-to-LOW Level Output


유사한 부품 번호 - DM74ALS1035MX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS1035M FAIRCHILD-DM74ALS1035M Datasheet
45Kb / 4P
   Hex Non-Inverting Driver with Open Collector Outputs
More results

유사한 설명 - DM74ALS1035MX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS1035 FAIRCHILD-DM74ALS1035 Datasheet
45Kb / 4P
   Hex Non-Inverting Driver with Open Collector Outputs
DM74ALS1005 FAIRCHILD-DM74ALS1005 Datasheet
48Kb / 4P
   Hex Inverting Driver with Open Collector Outputs
logo
Texas Instruments
SN54ALS1005 TI-SN54ALS1005 Datasheet
69Kb / 4P
[Old version datasheet]   HEX INVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
List of Unclassifed Man...
DV74ALS1005 ETC1-DV74ALS1005 Datasheet
182Kb / 2P
   Hex Inverting Drivers with Open Collector Outputs
logo
Fairchild Semiconductor
DM7406 FAIRCHILD-DM7406 Datasheet
49Kb / 4P
   Hex Inverting Buffers with High Voltage Open-Collector Outputs
logo
National Semiconductor ...
DM5406 NSC-DM5406 Datasheet
106Kb / 4P
   Hex Inverting Buffers with High Voltage Open-Collector Outputs
logo
Fairchild Semiconductor
DM7416 FAIRCHILD-DM7416 Datasheet
35Kb / 3P
   Hex Inverting Buffers with High Voltage Open-Collector Outputs
logo
Integral Corp.
IN74LS07 INTEGRAL-IN74LS07 Datasheet
98Kb / 3P
   Hex Non-Inverted Buffers with Open- Collector Outputs
logo
System Logic Semiconduc...
SL74LS07 SLS-SL74LS07 Datasheet
25Kb / 3P
   Hex Non-Inverted Buffers with Open-Collector Outputs
logo
KODENSHI_AUK CORP.
KK74LS07 KODENSHI-KK74LS07 Datasheet
202Kb / 4P
   Hex Non-Inverted Buffers with Open- Collector Outputs
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com