전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8406DB 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI8406DB
상세설명  N-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8406DB 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI8406DB Datasheet HTML 1Page - Vishay Siliconix SI8406DB Datasheet HTML 2Page - Vishay Siliconix SI8406DB Datasheet HTML 3Page - Vishay Siliconix SI8406DB Datasheet HTML 4Page - Vishay Siliconix SI8406DB Datasheet HTML 5Page - Vishay Siliconix SI8406DB Datasheet HTML 6Page - Vishay Siliconix SI8406DB Datasheet HTML 7Page - Vishay Siliconix SI8406DB Datasheet HTML 8Page - Vishay Siliconix SI8406DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 62530
S12-0978-Rev. A, 30-Apr-12
Vishay Siliconix
Si8406DB
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. Maximum under steady state conditions is 85 °C/W.
c. Case is defined as top surface of the package.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, b
RthJA
37
45
°C/W
Maximum Junction-to-Case (Drain)c
Steady State
RthJC
79.5
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = 250 µA
20
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
18
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 3
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.4
0.85
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
µA
VDS = 20 V, VGS = 0 V, TJ = 70 °C
10
On-State Drain Currenta
ID(on)
VDS  5 V, VGS = 4.5 V
5A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 1 A
0.026
0.033
VGS = 2.5 V, ID = 1 A
0.028
0.037
VGS = 1.8 V, ID = 1 A
0.030
0.042
Forward Transconductancea
gfs
VDS = 10 V, ID = 1 A
20
S
Dynamicb
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
830
pF
Output Capacitance
Coss
146
Reverse Transfer Capacitance
Crss
61
Total Gate Charge
Qg
VDS = 10 V, VGS = 8 V, ID = 1 A
13
20
nC
VDS = 10 V, VGS = 4.5 V, ID = 1 A
7.5
12
Gate-Source Charge
Qgs
1.1
Gate-Drain Charge
Qgd
0.8
Gate Resistance
Rg
VGS = 0.1 V, f = 1 MHz
3.6
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 10 
ID  1 A, VGEN = 4.5 V, Rg = 1 
715
ns
Rise Time
tr
18
40
Turn-Off Delay Time
td(off)
30
60
Fall Time
tf
10
20
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 10 
ID  1 A, VGEN = 8 V, Rg = 1 
510
ns
Rise Time
tr
17
35
Turn-Off Delay Time
td(off)
25
50
Fall Time
tf
10
20


유사한 부품 번호 - SI8406DB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si8400AA-A-IS SILABS-Si8400AA-A-IS Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Si8400AA-A-IS SILABS-Si8400AA-A-IS Datasheet
581Kb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Skyworks Solutions Inc.
SI8400AA-A-IS SKYWORKS-SI8400AA-A-IS Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Revision 0.1 to Revision 1.0
logo
Silicon Laboratories
Si8400AA-B-IS SILABS-Si8400AA-B-IS Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Si8400AA-B-IS SILABS-Si8400AA-B-IS Datasheet
581Kb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
More results

유사한 설명 - SI8406DB

제조업체부품명데이터시트상세설명
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com