전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDT5002A 데이터시트(PDF) 1 Page - KODENSHI_AUK CORP.

부품명 KDT5002A
상세설명  Silicon photo transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KDT5002A 데이터시트(HTML) 1 Page - KODENSHI_AUK CORP.

  KDT5002A Datasheet HTML 1Page - KODENSHI_AUK CORP. KDT5002A Datasheet HTML 2Page - KODENSHI_AUK CORP. KDT5002A Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KDT5002A
Rev. date: 31-JAN-11
KSD-XXXXXX-000
Silicon photo transistor
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Description
The KDT5002A is a high-sensitivity Silicon phototransistor mounted in Φ 5mm(T13/4) plastic package with visible
light cutoff filter. This photo transistor is both compact and easy to mount.
Features
Φ 5mm(T13/4) all plastic mold type
Visible light cut-off type
Single phototransistor output
Applications
Optical counter
Optical detectors
Tape End sensor
Absolute Maximum Ratings (at 25℃ unless otherwise noted)
Parameter
Symbol
Rating
Unit
Collector-emitter voltage
BVCEO
35
V
Emitter-collector voltage
BVECO
6
V
Collector current
IC
50
mA
Collector power dissipation
PC
75
mW
Operating temperature
Topr
-20~+85
Storage temperature
Tstg
-30~+85
Soldering temperature *1
Tsol
260
Notes
: *1. For MAX.5 seconds at the position of 2mm from the package


유사한 부품 번호 - KDT5002A

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KDT5001A KODENSHI-KDT5001A Datasheet
66Kb / 1P
   Phototransistor
KDT5001A_0604 KODENSHI-KDT5001A_0604 Datasheet
541Kb / 2P
   Silicon photo transistor
More results

유사한 설명 - KDT5002A

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KDT5001A_0604 KODENSHI-KDT5001A_0604 Datasheet
541Kb / 2P
   Silicon photo transistor
OPB0462 KODENSHI-OPB0462 Datasheet
139Kb / 1P
   Silicon Photo Transistor
OPB0606 KODENSHI-OPB0606 Datasheet
119Kb / 1P
   Silicon Photo Transistor
logo
Yellow Stone Corp
BPT-BP0331 YSTONE-BPT-BP0331 Datasheet
395Kb / 1P
   SILICON PHOTO TRANSISTOR
logo
KODENSHI_AUK CORP.
OPB0808 KODENSHI-OPB0808 Datasheet
102Kb / 1P
   Silicon Photo Transistor
OPB0505P KODENSHI-OPB0505P Datasheet
67Kb / 1P
   Silicon Photo Transistor
OPB1104 KODENSHI-OPB1104 Datasheet
104Kb / 1P
   Silicon Photo Transistor
OPB0604 KODENSHI-OPB0604 Datasheet
101Kb / 1P
   Silicon Photo Transistor
OPB0642 KODENSHI-OPB0642 Datasheet
100Kb / 1P
   Silicon Photo Transistor
KDT3002A KODENSHI-KDT3002A Datasheet
240Kb / 2P
   Silicon photo transistor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com