전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDN361 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FDN361
상세설명  N-Channel, Logic Level, PowerTrench課?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN361 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FDN361 Datasheet HTML 1Page - Fairchild Semiconductor FDN361 Datasheet HTML 2Page - Fairchild Semiconductor FDN361 Datasheet HTML 3Page - Fairchild Semiconductor FDN361 Datasheet HTML 4Page - Fairchild Semiconductor FDN361 Datasheet HTML 5Page - Fairchild Semiconductor FDN361 Datasheet HTML 6Page - Fairchild Semiconductor FDN361 Datasheet HTML 7Page - Fairchild Semiconductor FDN361 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDN361AN, Rev. C
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
Figure 3. On-Resistance Variation
with Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.
Typical Characteristics (continued)
02
46
8
10
0.5
1
1.5
2
2.5
I
, DRAIN CURRENT (A)
V
= 3. 5V
GS
5. 0V
7. 0V
4. 5V
D
10V
4. 0V
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERAT URE (°C)
J
V
= 10 V
GS
I = 1.8 A
D
24
68
10
0
0. 05
0. 1
0. 15
0. 2
0. 25
0. 3
V
, GATE TO SOURCE VOLT AGE (V)
GS
T = 2 5°C
A
I = 0.9A
D
T = 12 5°C
A
0. 2
0.4
0. 6
0.8
1
1.2
0.001
0. 01
0. 1
1
10
V
, BODY DIODE FO RWARD VOLTAGE (V)
-55° C
V
= 0V
GS
SD
T = 1 25° C
J
25° C
12
345
0
2
4
6
8
V
, GATE TO SOURCE VOLTAGE (V)
V
=5.0V
DS
GS
T = -55°C
J
25°C
125°C
00.5
11.5
22.5
3
0
2
4
6
8
V
, DRAIN -SO URCE VO LTAGE (V)
V
= 10 V
GS
3.5V
3.0V
4.0V
6.0 V
4.5V
DS


유사한 부품 번호 - FDN361

제조업체부품명데이터시트상세설명
logo
Guangdong Youtai Semico...
FDN361 UMW-FDN361 Datasheet
443Kb / 5P
   These devices are particularly suited for low voltage applications in notebook computers,
logo
Fairchild Semiconductor
FDN361BN FAIRCHILD-FDN361BN Datasheet
103Kb / 5P
   30V N-Channel, Logic Level, PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDN361BN UMW-FDN361BN Datasheet
443Kb / 5P
   These devices are particularly suited for low voltage applications in notebook computers,
More results

유사한 설명 - FDN361

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
226Kb / 6P
   N-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDMS9409L_F085 ONSEMI-FDMS9409L_F085 Datasheet
604Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
October 2016 Rev. 1.0
FDD9411L_F085 ONSEMI-FDD9411L_F085 Datasheet
580Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
FDD9409L_F085 ONSEMI-FDD9409L_F085 Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP7045L FAIRCHILD-FDP7045L_04 Datasheet
110Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDB7045L KEXIN-KDB7045L Datasheet
58Kb / 2P
   N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDD6035AL FAIRCHILD-FDD6035AL Datasheet
119Kb / 6P
   N-Channel, Logic Level, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com