전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1782KT146R 데이터시트(PDF) 4 Page - Rohm

부품명 2SD1782KT146R
상세설명  Power Transistor (80V, 0.5A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SD1782KT146R 데이터시트(HTML) 4 Page - Rohm

  2SD1782KT146R Datasheet HTML 1Page - Rohm 2SD1782KT146R Datasheet HTML 2Page - Rohm 2SD1782KT146R Datasheet HTML 3Page - Rohm 2SD1782KT146R Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Appendix
Appendix1-Rev1.1
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


유사한 부품 번호 - 2SD1782KT146R

제조업체부품명데이터시트상세설명
logo
Rohm
2SD1782K ROHM-2SD1782K Datasheet
80Kb / 4P
   Power Transistor (80V, 0.5A)
logo
Guangdong Kexin Industr...
2SD1782K KEXIN-2SD1782K Datasheet
36Kb / 1P
   Power Transistor
logo
Rohm
2SD1782K ROHM-2SD1782K Datasheet
67Kb / 4P
   Power Transistor (80V, 0.5A)
logo
Foshan Blue Rocket Elec...
2SD1782K FOSHAN-2SD1782K Datasheet
767Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
More results

유사한 설명 - 2SD1782KT146R

제조업체부품명데이터시트상세설명
logo
Rohm
2SD1782K ROHM-2SD1782K Datasheet
80Kb / 4P
   Power Transistor (80V, 0.5A)
2SD1782K ROHM-2SD1782K Datasheet
67Kb / 4P
   Power Transistor (80V, 0.5A)
2SB1198K ROHM-2SB1198K_1 Datasheet
104Kb / 4P
   Low-frequency Transistor (-80V, -0.5A)
2SB1198K ROHM-2SB1198K Datasheet
93Kb / 3P
   Low-frequency Transistor(-80V, -0.5A)
logo
SeCoS Halbleitertechnol...
MPSA56 SECOS-MPSA56 Datasheet
67Kb / 1P
   -0.5A , -80V PNP Plastic Encapsulated Transistor
MMBTA56 SECOS-MMBTA56 Datasheet
73Kb / 1P
   -0.5A , -80V PNP Plastic Encapsulated Transistor
logo
Monolithic Power System...
EV46885DN-00A MPS-EV46885DN-00A Datasheet
147Kb / 3P
   80V INPUT 0.5A HIGH POWER LED DRIVER
logo
Intersil Corporation
HIP4086 INTERSIL-HIP4086_04 Datasheet
227Kb / 9P
   80V, 0.5A Three Phase Driver
HIP4086 INTERSIL-HIP4086 Datasheet
75Kb / 9P
   80V, 0.5A Three Phase Driver
logo
SeCoS Halbleitertechnol...
SCS4448DSTL SECOS-SCS4448DSTL Datasheet
319Kb / 2P
   0.5A , 80V Plastic-Encapsulated Switching Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com