전자부품 데이터시트 검색엔진 |
|
TMP006YZF 데이터시트(PDF) 2 Page - Texas Instruments |
|
TMP006YZF 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 14 page Board Overview www.ti.com 1 Board Overview The Sensor Hub BoosterPack is an extension board for the TI MCU LaunchPad evaluation module eco- system. It was designed specifically to extend the functionality of the Tiva TM4C1233 LaunchPad (EK- TM4C123GXL). The Sensor Hub enables customers to create and model innovative prototype solutions that leverage the processing and floating-point capabilities of the TM4C123GH6PM MCU coupled with motion and environmental sensors. The Sensor Hub BoosterPack plugs in to the BoosterPack XL headers located on the top of the LaunchPad. The BoosterPack also features a TI-standard extension module (EM) connector to further extend customer applications through a variety of wireless extension modules. This board and the available software also highlight the use of the new TivaWare® SensorLib sensor driver library, an easy-to-use, extendable foundation of sensor communication software. NOTE: The Sensor Hub BoosterPack is fully compatible with both the Tiva™ C Series LaunchPad (EK-TM4C123GXL) and the Stellaris® LM4F120 LaunchPad (EK-LM4F120XL). 1.1 Kit Features The BOOSTXL-SENSHUB BoosterPack offers the following features: • TMP006 infrared object temperature sensor • 9-axis InvenSense MPU9150 motion sensor: – 3-axis acceleration – 3-axis gyroscope – 3-axis magnetometer • Bosch BMP180 pressure sensor • Intersil ISL29023 ambient and infrared light sensor • Sensirion SHT21 humidity sensor • Two user pushbuttons • One user LED • One power LED • EM connector for additional wireless expansion 1.2 Using the Sensor Hub BoosterPack Follow these recommended steps to quickly configure your Sensor Hub for proper operation. Step 1. Review the BOOSTXL-SENSHUB BoosterPack Getting Started Guide (literature number SPMU295, available for download at www.ti.com). This document guides you through downloading, installing, and running the associated TivaWare examples that demonstrate the Sensor Hub capabilities and functions. Step 2. Examine the additional examples that are provided with the downloaded software to understand the capabilities and limitations of each on-board sensor. Step 3. Create your own application using the Tiva C Series LaunchPad and Sensor Hub BoosterPack. Use the TivaWare for C Series Sensor Library to enable your innovative Tiva TM4C MCU applications. Step 4. Customize and integrate the hardware to suit a specific end application. This user’s manual is an important reference for understanding circuit operation and completing hardware modifications. 2 BOOSTXL-SENSHUB Sensor Hub BoosterPack SPMU290 – April 2013 Submit Documentation Feedback Copyright © 2013, Texas Instruments Incorporated |
유사한 부품 번호 - TMP006YZF |
|
유사한 설명 - TMP006YZF |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |