전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP006YZF 데이터시트(PDF) 4 Page - Texas Instruments

부품명 TMP006YZF
상세설명  BOOSTXL-SENSHUB Sensor Hub BoosterPack
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006YZF 데이터시트(HTML) 4 Page - Texas Instruments

  TMP006YZF Datasheet HTML 1Page - Texas Instruments TMP006YZF Datasheet HTML 2Page - Texas Instruments TMP006YZF Datasheet HTML 3Page - Texas Instruments TMP006YZF Datasheet HTML 4Page - Texas Instruments TMP006YZF Datasheet HTML 5Page - Texas Instruments TMP006YZF Datasheet HTML 6Page - Texas Instruments TMP006YZF Datasheet HTML 7Page - Texas Instruments TMP006YZF Datasheet HTML 8Page - Texas Instruments TMP006YZF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Hardware Description
www.ti.com
2.1
Functional Description
This section provides a functional description of the Sensor Hub BoosterPack.
2.1.1
BoosterPack XL Connector
The BoosterPack XL connector attaches the BoosterPack to the Tiva TM4C LaunchPad. This
BoosterPack is specifically designed to match the pin function with the Tiva TM4C LaunchPad. Basic I
2C
and UART communication to the sensors and RF expansion connectors are also available when the
Sensor Hub is connected to either the C2000 or MSP430 LaunchPad.
Table 2 describes the BoosterPack XL interface connections and the respective uses on the Sensor Hub
BoosterPack. It also shows which pins remain available for additional expansion at the user's discretion.
Table 2. BoosterPack XL Interface Connections
(1)
Pin
Function
Pin
Function
Pin
Function
Pin
Function
J1.1
3.3 V IN
J2.1
Ground
J3.1
J4.1
J1.2
J2.2
Interrupt
J3.2
J4.2
J1.3
UART RX
J2.3
Interrupt
J3.3
J4.3
RF GPIO
J1.4
UART TX
J2.4
J3.4
J4.4
UART RTS
J1.5
J2.5
J3.5
USER LED
J4.5
UART CTS
J1.6
Interrupt
J2.6
Sensor I2C
J3.6
User Button
J4.6
RF Shutdown
J1.7
J2.7
Sensor I2C
J3.7
User Button
J4.7
RF Reset
J1.8
SSI TX
J2.8
SSI RX
J3.8
RF GPIO
J4.8
RF GPIO
J1.9
RF I2C
J2.9
SSI SS
J3.9
RF GPIO
J4.9
J1.10
RF I2C
J2.10
SSI CLK
J3.10
J4.10
(1)
Shaded cells indicate unused pins that are available for additional expansion.
2.1.2
TMP006 Temperature Sensor
The TMP006 provides both direct and indirect temperature measurements. It contains an on-chip
temperature sensor to directly measure ambient temperature conditions. It also allows contactless infrared
object temperature measurement.
2.1.3
InvenSense MPU9150 9-Axis Motion Sensor
The MPU9150 is a 3-axis accelerometer, 3-axis gyroscope, and 3-axis magnetometer in a single package.
This device is the primary motion sensor on the Sensor Hub. It is used by the demonstration software as
the raw motion inputs, which are fused by a direct cosine matrix into roll, pitch, and yaw measurements.
2.1.4
Intersil ISL29023 Ambient and Infrared Light Sensor
The ISL29023 provides sensor measurements of light conditions across both the ambient (human-visible)
spectrum and the infrared spectrum.
2.1.5
Sensirion SHT21 Humidity Sensor
The SHT21 provides relative humidity measurements.
2.1.6
Bosch BMP180 Barometric Pressure Sensor
The BMP180 measures barometric pressure conditions. It can be used to enhance the motion sensor by
determining relative changes in altitude.
2.1.7
Low-Power RF Expansion Connection
The RF expansion connection provides a wide array of options to the end application.
4
BOOSTXL-SENSHUB Sensor Hub BoosterPack
SPMU290 – April 2013
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


유사한 부품 번호 - TMP006YZF

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI-TMP006 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006 TI1-TMP006 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006AIYZFR TI1-TMP006AIYZFR Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006AIYZFR TI-TMP006AIYZFR Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results

유사한 설명 - TMP006YZF

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SPMT282 TI1-SPMT282 Datasheet
108Kb / 2P
[Old version datasheet]   Sensor Hub BoosterPack
logo
TEXAS ADVANCED OPTOELEC...
BOOSTXL-DRV8301 TAOS-BOOSTXL-DRV8301 Datasheet
4Mb / 13P
   BOOSTXL-DRV8301 HARDWARE
logo
Agilent(Hewlett-Packard...
E1736A HP-E1736A Datasheet
243Kb / 1P
   USB Sensor Hub
logo
Texas Instruments
SLAU440 TI1-SLAU440 Datasheet
600Kb / 11P
[Old version datasheet]   430BOOST-TMP006 BoosterPack
C2000 TI1-C2000 Datasheet
1,013Kb / 15P
[Old version datasheet]   C2000 LED BoosterPack
SWRU312B TI1-SWRU312B Datasheet
1Mb / 9P
[Old version datasheet]   AIR BoosterPack Quick Start Guide
logo
Anaren Microwave
A2530R24A ANAREN-A2530R24A_12 Datasheet
3Mb / 45P
   AIR BoosterPack User?셲 Manual
logo
LAPIS Semiconductor Co....
ML610Q794G LAPIS-ML610Q794G Datasheet
495Kb / 28P
   Sensor Control Hub 8-bit Microcontroller
logo
Analog Devices
ADT7470 AD-ADT7470_17 Datasheet
597Kb / 41P
   Temperature Sensor Hub and Fan Controller
logo
List of Unclassifed Man...
ML610Q794G ETC2-ML610Q794G Datasheet
495Kb / 28P
   Sensor Control Hub 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com