전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA7810CKTTR 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 UA7810CKTTR
상세설명  FIXED POSITIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UA7810CKTTR 데이터시트(HTML) 2 Page - Texas Instruments

  UA7810CKTTR Datasheet HTML 1Page - Texas Instruments UA7810CKTTR Datasheet HTML 2Page - Texas Instruments UA7810CKTTR Datasheet HTML 3Page - Texas Instruments UA7810CKTTR Datasheet HTML 4Page - Texas Instruments UA7810CKTTR Datasheet HTML 5Page - Texas Instruments UA7810CKTTR Datasheet HTML 6Page - Texas Instruments UA7810CKTTR Datasheet HTML 7Page - Texas Instruments UA7810CKTTR Datasheet HTML 8Page - Texas Instruments UA7810CKTTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
μA7800 SERIES
SLVS056O – MAY 1976 – REVISED AUGUST 2012
www.ti.com
ORDERING INFORMATION(1)
ORDERABLE PART
TOP-SIDE
TJ
VO(NOM)
PACKAGE(2)
NUMBER
MARKING
TO-220, short shoulder – KCS
Tube of 50
UA7805CKCS
UA7805C
TO-220, single gauge – KCT
Tube of 50
UA7805CKCT
UA7805C
5 V
TO-263 – KTT
Reel of 500
UA7805CKTTR
UA7805C
PowerFLEX™ – KTE
OBSOLETE
OBSOLETE
TO-220 – KC
OBSOLETE
OBSOLETE
TO-220, short shoulder – KCS
Tube of 50
UA7808CKCS
UA7808C
TO-220, single gauge – KCT
Tube of 50
UA7808CKCT
UA7808C
8 V
TO-263 – KTT
Reel of 500
UA7808CKTTR
UA7808C
PowerFLEX – KTE
OBSOLETE
OBSOLETE
TO-220 – KC
OBSOLETE
OBSOLETE
TO-220, short shoulder – KCS
Tube of 50
UA7810CKCS
UA7810C
TO-263 – KTT
Reel of 500
UA7810CKTTR
UA7810C
10 V
PowerFLEX – KTE
OBSOLETE
OBSOLETE
TO-220 – KC
OBSOLETE
OBSOLETE
0°C to 125°C
TO-220, short shoulder – KCS
Tube of 50
UA7812CKCS
UA7812C
TO-220, single gauge – KCT
Tube of 50
UA7812CKCT
UA7812C
12 V
TO-263 – KTT
Reel of 500
UA7812CKTTR
UA7812C
PowerFLEX – KTE
OBSOLETE
OBSOLETE
TO-220 – KC
OBSOLETE
OBSOLETE
TO-220, short shoulder – KCS
Tube of 50
UA7815CKCS
UA7815C
TO-220, single gauge – KCT
Tube of 50
UA7815CKCT
UA7815C
15 V
TO-263 – KTT
Reel of 500
UA7815CKTTR
UA7815C
PowerFLEX – KTE
OBSOLETE
OBSOLETE
TO-220 – KC
OBSOLETE
OBSOLETE
TO-220, short shoulder – KCS
Tube of 50
UA7824CKCS
UA7824C
TO-263 – KTT
Reel of 500
UA7824CKTTR
UA7824C
24 V
PowerFLEX – KTE
OBSOLETE
OBSOLETE
TO-220 – KC
OBSOLETE
OBSOLETE
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 1976–2012, Texas Instruments Incorporated


유사한 부품 번호 - UA7810CKTTR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA7810CKTTR TI-UA7810CKTTR Datasheet
697Kb / 19P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA7810CKTTR TI-UA7810CKTTR Datasheet
697Kb / 19P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA7810CKTTR TI1-UA7810CKTTR Datasheet
807Kb / 7P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7810CKTTR TI-UA7810CKTTR Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7810CKTTR TI1-UA7810CKTTR Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results

유사한 설명 - UA7810CKTTR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCT TI1-UA7805CKCT Datasheet
807Kb / 7P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7808 TI1-UA7808_16 Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7805 TI1-UA7805 Datasheet
1Mb / 26P
[Old version datasheet]   Fixed Positive Voltage Regulators
logo
Diotec Semiconductor
DI78M05UAB DIOTEC-DI78M05UAB Datasheet
721Kb / 3P
   Positive Fixed Voltage Regulators Positive Festspannungs-Regler
Version 2021-09-30
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com