전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS3570 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FDS3570
상세설명  80V N-Channel PowerTrench??MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3570 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FDS3570 Datasheet HTML 1Page - Fairchild Semiconductor FDS3570 Datasheet HTML 2Page - Fairchild Semiconductor FDS3570 Datasheet HTML 3Page - Fairchild Semiconductor FDS3570 Datasheet HTML 4Page - Fairchild Semiconductor FDS3570 Datasheet HTML 5Page - Fairchild Semiconductor FDS3570 Datasheet HTML 6Page - Fairchild Semiconductor FDS3570 Datasheet HTML 7Page - Fairchild Semiconductor FDS3570 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FDS3570Rev.B
FDS3570
80V N-Channel PowerTrenchTM MOSFET
May 1999
PRELIMINARY
1999 Fairchild Semiconductor Corporation
Absolute Maximum Ratings T
A
= 25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
80
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
- Continuous
(Note 1a)
9A
- Pulsed
50
PD
Power Dissipation for Single Operation
(Note 1a)
2.5
W
(Note 1b)
1.2
(Note 1c)
1
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
R
θJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
R
θJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape Width
Quantity
FDS3570
FDS3570
13’’
12mm
2500 units
Features
• 9 A, 80 V. R
DS(ON
) = 0.019 Ω @ VGS = 10 V
R
DS(ON) = 0.022 Ω @ VGS = 6 V.
• Fast switching speed.
• High performance trench technology for extremely
low R
DS(ON).
• High power and current handling capability.
6
7
8
5
3
2
1
4
S
D
S
S
SO-8
D
D
D
G
General Description
This N-Channel Logic Level MOSFET has been designed
specifically to improve the overall efficiency of DC/DC
converters using either synchronous or conventional
switching PWM controllers.
These MOSFETs feature faster switching and lower gate
charge than other MOSFETs with comparable R
DS(on)
specifications resulting in DC/DC power supply designs
with higher overall efficiency.


유사한 부품 번호 - FDS3570

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS3570 FAIRCHILD-FDS3570 Datasheet
83Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570 Datasheet
85Kb / 12P
   Power Converter Topology and MOSFET Selection for 48-V Telecom
FDS3570 FAIRCHILD-FDS3570_00 Datasheet
83Kb / 5P
   80V N-Channel PowerTrench MOSFET
More results

유사한 설명 - FDS3570

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
KDS3512 KEXIN-KDS3512 Datasheet
62Kb / 2P
   80V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
SI4480DY FAIRCHILD-SI4480DY Datasheet
90Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3590 FAIRCHILD-FDS3590 Datasheet
204Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570_00 Datasheet
83Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDC3512 FAIRCHILD-FDC3512 Datasheet
133Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDD3570 FAIRCHILD-FDD3570 Datasheet
219Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDD3570_0011 FAIRCHILD-FDD3570_0011 Datasheet
76Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3512 FAIRCHILD-FDS3512 Datasheet
86Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3580 FAIRCHILD-FDS3580_00 Datasheet
84Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDD3580 FAIRCHILD-FDD3580 Datasheet
125Kb / 5P
   80V N-Channel PowerTrench??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com