전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC28025DW 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 UC28025DW
상세설명  ECONOMY HIGH-SPEED PWM CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC28025DW 데이터시트(HTML) 11 Page - Texas Instruments

Back Button UC28025DW Datasheet HTML 7Page - Texas Instruments UC28025DW Datasheet HTML 8Page - Texas Instruments UC28025DW Datasheet HTML 9Page - Texas Instruments UC28025DW Datasheet HTML 10Page - Texas Instruments UC28025DW Datasheet HTML 11Page - Texas Instruments UC28025DW Datasheet HTML 12Page - Texas Instruments UC28025DW Datasheet HTML 13Page - Texas Instruments UC28025DW Datasheet HTML 14Page - Texas Instruments UC28025DW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
UC28023
UC28025
SLUS557F -- MARCH 2003 -- REVISED AUGUST 2010
11
www.ti.com
APPLICATION INFORMATION
OSCILLATOR
Figure 7. Oscillator Circuit
UDG--03052
6
4
CT
UC2802x
CLOCK
3V
5
RT
Blanking
5.1 V
IR
IC= IR
TD
400 μA
Figure 8.
0.47
0.22
0.047
1.0
2.2
4.7
10.0
22.0
47
0.10
2.20
0.47
1.00
4.70
10.0
100
CT -- Timing Capacitance -- nF
DEAD TIME
vs
TIMING CAPACITANCE
3kΩ≤ RT ≤ 100 kΩ
Figure 9. Oscillator Circuit
10 k
1k
100 k
1 k
10 k
100 k
1 M
100
10 nF
22 nF
47 nF
100 nF
fOSC -- Frequency -- Hz
470 pF
1nF
2.2 nF
4.7 nF
TIMING RESISTANCE
vs
FREQUENCY
Figure 10.
DEAD TIME
vs
FREQUENCY
160
140
120
100
80
10 k
100 k
1 M
CT =1nF
fOSC -- Frequency -- Hz
CT = 470 pF


유사한 부품 번호 - UC28025DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC28025DW TI-UC28025DW Datasheet
394Kb / 18P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
More results

유사한 설명 - UC28025DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC28023 TI-UC28023 Datasheet
394Kb / 18P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC28023 TI-UC28023_15 Datasheet
289Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com