전자부품 데이터시트 검색엔진 |
|
KA7809ETU 데이터시트(PDF) 3 Page - Fairchild Semiconductor |
|
KA7809ETU 데이터시트(HTML) 3 Page - Fairchild Semiconductor |
3 / 26 page 3 www.fairchildsemi.com KA78XXE/KA78XXAE Rev. 1.0.5 Electrical Characteristics (KA7805E/KA7805ER) Refer to test circuit, 0°C < TJ < 125°C, IO = 500mA, VI = 10V, CI = 0.33µF, CO = 0.1µF, unless otherwise specified. Notes: 1. Load and line regulation are specified at constant junction temperature. Changes in Vo due to heating effects must be taken into account separately. Pulse testing with low duty is used. 2. These parameters, although guaranteed, are not 100% tested in production. Symbol Parameter Conditions KA7805E/ER Unit Min. Typ. Max. VO Output Voltage TJ = +25°C 4.8 5.0 5.2 V 5.0mA ≤ IO ≤ 1.0A, PO ≤ 15W VI = 7V to 20V 4.75 5.0 5.25 Regline Line Regulation(1) TJ = +25°CVO = 7V to 25V – 4.0 100 mV VI = 8V to 12V – 1.6 50 Regload Load Regulation(1) TJ = +25°CIO = 5.0mA to1.5A – 9 100 mV IO = 250mA to 750mA – 4 50 IQ Quiescent Current TJ = +25°C– 5.0 8.0 mA ∆IQ Quiescent Current Change IO = 5mA to 1.0A – 0.03 0.5 mA VI = 7V to 25V – 0.3 1.3 ∆VO/∆T Output Voltage Drift(2) IO = 5mA – -0.8 – mV/ °C VN Output Noise Voltage f = 10Hz to 100kHz, TA = +25°C– 42 – µV/VO RR Ripple Rejection(2) f = 120Hz, VO = 8V to 18V 62 73 – dB VDrop Dropout Voltage IO = 1A, TJ = +25°C– 2 – V rO Output Resistance(2) f = 1kHz – 15 – m Ω ISC Short Circuit Current VI = 35V, TA = +25°C– 230 – mA IPK Peak Current(2) TJ = +25°C– 2.2 – A |
유사한 부품 번호 - KA7809ETU |
|
유사한 설명 - KA7809ETU |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |