전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA75290Z 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 KA75290Z
상세설명  Voltage Detector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA75290Z 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  KA75290Z Datasheet HTML 1Page - Fairchild Semiconductor KA75290Z Datasheet HTML 2Page - Fairchild Semiconductor KA75290Z Datasheet HTML 3Page - Fairchild Semiconductor KA75290Z Datasheet HTML 4Page - Fairchild Semiconductor KA75290Z Datasheet HTML 5Page - Fairchild Semiconductor KA75290Z Datasheet HTML 6Page - Fairchild Semiconductor KA75290Z Datasheet HTML 7Page - Fairchild Semiconductor KA75290Z Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KA75XXX
2
Absolute Maximum Rating (TA=25
°°°°C)
Electrical Characteristics (TA=25
°°°°C)
Characteristic
Symbol
Value
Unit
Supply Voltage
Vcc
0.3 ~ +15.0
V
Detecting Voltage
VDET
2.5/2.7/2.9/3.1
3.3/3.6/3.9/4.2/4.5
V
Hysteresis Voltage
VHYS
50
mV
Operating Temperature
TOPR
-25 ~ +85
°C
Storage Temperature
TSTG
-50 ~ +150
°C
Power Dissipation
TO-92
SOT-89
PD
200
500
mW
Detecting Voltage Temperature Coefficient
∆VDET/∆TRL = 200Ω, +0.01
%/
°C
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Detecting Voltage
VDET
KA75250
KA75270
KA75290
KA75310
KA75330
KA75360
KA75390
KA75420
KA75450
2.35
2.55
2.75
2.95
3.15
3.45
3.75
4.05
4.35
2.5
2.7
2.9
3.1
3.3
3.6
3.9
4.2
4.5
2.65
2.85
3.05
3.25
3.45
3.75
4.05
4.35
4.65
V
Low Output Voltage
VOL
RL = 200
--
0.4
V
Output Leakage Current
ILKG
VCC = 15V
-
-
0.1
uA
Hysteresis Voltage
VHYS
RL = 200
30
50
100
mV
Detecting Voltage Temperature
Coefficient
∆VDET/∆TRL = 200Ω
-
±0.01
-
%/
°C
Circuit Current(At On Time)
ICCL
VCC = VDET(MIN) -0.05V
-
300
500
uA
Circuit Current(At Off Time)
ICCH
VCC = 5.25V
-
30
50
uA
Threshold Operating Voltage
VTH(OPR)
RL = 200
Ω, VOL ≤ 0.4V
-
0.8
1.0
V
" L"± Transmission Delay Time
TOL
RL = 1.0k
Ω, CL= 100pF
0.6
10
-
us
" H"± Transmission Delay Time
TOH
RL = 1.0k
Ω, CL = 100pF
-
15
20
us
Output Current (At On Time)
IOLI
VCC = VDET(MIN) -0.05V,
TA = 25
°C
10
20
30
mA
Output Current (At On Time)
IOLII
VCC = VDET(MIN) - 0.05V
TA = -25 ~ +85
°C
816
30
mA
RL= 200
VOL
≤ 0.4V


유사한 부품 번호 - KA75290Z

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA75290Z FAIRCHILD-KA75290Z Datasheet
48Kb / 8P
   Voltage Detector
More results

유사한 설명 - KA75290Z

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com