전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA7812ERTM 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 KA7812ERTM
상세설명  3-Terminal 1A Positive Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7812ERTM 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  KA7812ERTM Datasheet HTML 1Page - Fairchild Semiconductor KA7812ERTM Datasheet HTML 2Page - Fairchild Semiconductor KA7812ERTM Datasheet HTML 3Page - Fairchild Semiconductor KA7812ERTM Datasheet HTML 4Page - Fairchild Semiconductor KA7812ERTM Datasheet HTML 5Page - Fairchild Semiconductor KA7812ERTM Datasheet HTML 6Page - Fairchild Semiconductor KA7812ERTM Datasheet HTML 7Page - Fairchild Semiconductor KA7812ERTM Datasheet HTML 8Page - Fairchild Semiconductor KA7812ERTM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78XXE/KA78XXAE Rev. 1.0.5
1
August 2012
KA78XXE/KA78XXAE
3-Terminal 1A Positive Voltage Regulator
Features
• Output Current up to 1A
• Output Voltages of 5, 6, 8, 9, 10, 12, 15, 18, 24V
• Thermal Overload Protection
• Short Circuit Protection
• Output Transistor Safe Operating Area Protection
Ordering Information
* Refer to below figure for TM / TF Suffix for DPAK
Product Number
Output Voltage Tolerance
Package
Operating Temperature
KA7805ETU
±4%
TO-220 (Dual Gauge)
0
C to +125C
KA7806ETU
KA7808ETU
KA7809ETU
KA7810ETU
KA7812ETU
KA7815ETU
KA7818ETU
KA7824ETU
KA7805AETU
±2%
KA7809AETU
KA7810AETU
KA7812AETU
KA7815AETU
KA7824AETU
KA7805ERTF
±4%
D-PAK
KA7805ERTM
KA7808ERTM
KA7809ERTM
KA7812ERTM
General Description
The KA78XXE/KA78XXAE series of three-terminal posi-
tive regulator are available in the TO-220/D-PAK package
and with several fixed output voltages, making them use-
ful in a wide range of applications. Each type employs
internal current limiting, thermal shut down and safe oper-
ating area protection, making it essentially indestructible.
If adequate heat sinking is provided, they can deliver over
1A output current. Although designed primarily as fixed
voltage regulators, these devices can be used with exter-
nal components to obtain adjustable voltages and cur-
rents.
TM :
TF :
D-PAK Unit Orientation


유사한 부품 번호 - KA7812ERTM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA7812ERTM FAIRCHILD-KA7812ERTM Datasheet
413Kb / 27P
   3-Terminal 1 A Positive Voltage Regulator
logo
ON Semiconductor
KA7812ERTM ONSEMI-KA7812ERTM Datasheet
534Kb / 29P
   3-Terminal 1 A Positive Voltage Regulator
April 2015 Rev. 1.9
More results

유사한 설명 - KA7812ERTM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com