전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC547B 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 BC547B
상세설명  Transistor, NPN, TO-92
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

BC547B 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  BC547B Datasheet HTML 1Page - List of Unclassifed Manufacturers BC547B Datasheet HTML 2Page - List of Unclassifed Manufacturers BC547B Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <2>
V1.0
06/12/12
General Purpose Transistor
Parameters
Symbol
Test Condition
Value
Unit
Collector Emitter Voltage
VCEO
IC=1mA,IB=0
>45
V
Collector Base Voltage
VCBO
IC=10µA,IE=0
>50
Emitter Base Voltage
VEBO
IE=10µA,IC=0
>6
Collector Cut off Current
ICBO
VCB=30V,IE=0
TJ=150°C
VCB=30V,IE=0
<50
<5
nA
µA
ICES
VCE=50V,VBE=0
TJ=125°C
<15
nA
Collector Cut off Current
VCE=50V,VBE=0
<4
µA
DCCurrentGain
hFE
IC=2mA,VCE=5V
200
-
Collector Emitter Saturation Voltage
VCE (sat)
IC=10mA,IB=0.5mA
IC=100mA,IB=5mA
<0.25
<0.6
V
Base Emitter Saturation Voltage
VBE (sat)
IC=10mA,IB=0.5mA
IC=100mA,IB=5mA
Typical0.7
Typical0.9
Base Emitter On Voltage
VBE (on)
IC=2mA,VCE=5V
IC=10mA,VCE=5V
0.55-0.7
<0.72
Dynamic Characteristics
TransitionFrequency
fT
IC=10mA,VCE=5V
f=100MHz
Typical300
MHz
Collector Output Capacitance
Ccbo
VCB=10V,f=1MHz
<4.5
pF
Emitter Input Capacitance
Cib
VEB=0.5V,f=1MHz
Typical9
Noise Figure
NF
IC=0.2mA,VCE=5V
Rs=1kΩ,f=200Hz
<10
dB
SmallSignalCurrentGain
hfe
IC=2mA,VCE=5V
Typical330
-
Input Impedance
hie
3.2 - 8.5
kΩ
VoltageFeedbackRatio
hre
Typical2
× 10-4
Output Impedance
hoe
<60
µΩ
Electrical Characteristics (Ta = 25°C unless otherwise specified)


유사한 부품 번호 - BC547B

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC547B MOTOROLA-BC547B Datasheet
193Kb / 6P
   Amplifier Transistors
logo
Pan Jit International I...
BC547B PANJIT-BC547B Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Continental Device Indi...
BC547B CDIL-BC547B Datasheet
124Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
ON Semiconductor
BC547B ONSEMI-BC547B Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
STMicroelectronics
BC547B STMICROELECTRONICS-BC547B Datasheet
53Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
More results

유사한 설명 - BC547B

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TO-92 ETC-TO-92_V01 Datasheet
209Kb / 3P
   NPN Transistor TO-92
17/09/19 V1.0
logo
Tiger Electronic Co.,Lt...
MPSA06 TGS-MPSA06 Datasheet
844Kb / 3P
   TO-92 Transistor (NPN)
logo
Taiwan Semiconductor Co...
KTC3189-O TSC-KTC3189-O Datasheet
217Kb / 5P
   TO-92 NPN Bipolar Transistor
KTC3198-O TSC-KTC3198-O Datasheet
217Kb / 5P
   TO-92 NPN Bipolar Transistor
logo
Rectron Semiconductor
PN2222A RECTRON-PN2222A Datasheet
500Kb / 5P
   TO - 92 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
2N4401 RECTRON-2N4401 Datasheet
442Kb / 6P
   TO - 92 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
logo
Central Semiconductor C...
2N4256 CENTRAL-2N4256 Datasheet
86Kb / 2P
   NPN SILICON TRANSISTOR JEDEC TO-92 CASE(ECB)
logo
Foshan Blue Rocket Elec...
2N4401 FOSHAN-2N4401 Datasheet
933Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC2308 FOSHAN-2SC2308 Datasheet
929Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC2310 FOSHAN-2SC2310 Datasheet
820Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com