전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS6609A 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FDS6609A
상세설명  P-Channel Logic Level PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6609A 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FDS6609A Datasheet HTML 1Page - Fairchild Semiconductor FDS6609A Datasheet HTML 2Page - Fairchild Semiconductor FDS6609A Datasheet HTML 3Page - Fairchild Semiconductor FDS6609A Datasheet HTML 4Page - Fairchild Semiconductor FDS6609A Datasheet HTML 5Page - Fairchild Semiconductor FDS6609A Datasheet HTML 6Page - Fairchild Semiconductor FDS6609A Datasheet HTML 7Page - Fairchild Semiconductor FDS6609A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
April 2000
PRELIMINARY
©2000 Fairchild Semiconductor Corporation
FDS6609A Rev B(W)
FDS6609A
P-Channel Logic Level PowerTrench®
® MOSFET
General Description
This P-Channel Logic Level MOSFET is produced
using
Fairchild
Semiconductor's
advanced
PowerTrench process that has been especially tailored
to minimize on-state resistance and yet maintain
superior switching performance.
These devices are well suited for low voltage and
battery powered applications where low in-line power
loss and fast switching are required.
Applications
• DC/DC converter
• Load switch
• Motor Drive
Features
• –6.3 A, –30 V . RDS(ON) = 0.032 Ω @V
GS = -10 V
RDS(ON) = 0.05
Ω @V
GS = -4.5 V
• Low gate charge
• Fast switching speed
• High performance trench technology for extremely
low RDS(ON)
• High power and current handling capability
S
D
S
S
SO-8
D
D
D
G
4
3
2
1
5
6
7
8
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–30
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous
(Note 1a)
-6.3
A
– Pulsed
-40
Power Dissipation for Single Operation
(Note 1a)
2.5
(Note 1b)
1.2
PD
(Note 1c)
1.0
W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6609A
FDS6609A
13’’
12mm
2500 units


유사한 부품 번호 - FDS6609A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
logo
Microsemi Corporation
FDS6612A MICROSEMI-FDS6612A Datasheet
339Kb / 18P
   EVALUATION KIT
logo
Fairchild Semiconductor
FDS6612A FAIRCHILD-FDS6612A Datasheet
164Kb / 7P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDS6612A UMW-FDS6612A Datasheet
479Kb / 7P
   30V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
FDS6612A-NL VBSEMI-FDS6612A-NL Datasheet
1,008Kb / 9P
   N-Channel 20V (D-S) MOSFET
More results

유사한 설명 - FDS6609A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
SI4431DY FAIRCHILD-SI4431DY Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
SI4835DY FAIRCHILD-SI4835DY Datasheet
79Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS4435A FAIRCHILD-FDS4435A Datasheet
172Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9511L-F085 ONSEMI-FDD9511L-F085 Datasheet
208Kb / 7P
   P-Channel Logic Level PowerTrench MOSFET
July, 2018 ??Rev. P1
logo
Fairchild Semiconductor
SI9435DY FAIRCHILD-SI9435DY Datasheet
101Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDN340P FAIRCHILD-FDN340P Datasheet
273Kb / 8P
   Single P-Channel, Logic Level, PowerTrench MOSFET
FDN5618P FAIRCHILD-FDN5618P Datasheet
385Kb / 8P
   60V P-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com