전자부품 데이터시트 검색엔진 |
|
PIC16CR83 데이터시트(PDF) 72 Page - Microchip Technology |
|
PIC16CR83 데이터시트(HTML) 72 Page - Microchip Technology |
72 / 128 page PIC16F8X DS30430D-page 72 1996-2013 Microchip Technology Inc. 10.6 PICDEM-1 Low-Cost PIC MCU Demonstration Board The PICDEM-1 is a simple board which demonstrates the capabilities of several of Microchip’s microcon- trollers. The microcontrollers supported are: PIC16C5X (PIC16C54 to PIC16C58A), PIC16C61, PIC16C62X, PIC16C71, PIC16C8X, PIC17C42, PIC17C43 and PIC17C44. All necessary hardware and software is included to run basic demo programs. The users can program the sample microcontrollers provided with the PICDEM-1 board, on a PRO MATE II or PICSTART-Plus programmer, and easily test firm- ware. The user can also connect the PICDEM-1 board to the PICMASTER emulator and download the firmware to the emulator for testing. Additional pro- totype area is available for the user to build some addi- tional hardware and connect it to the microcontroller socket(s). Some of the features include an RS-232 interface, a potentiometer for simulated analog input, push-button switches and eight LEDs connected to PORTB. 10.7 PICDEM-2 Low-Cost PIC16CXX Demonstration Board The PICDEM-2 is a simple demonstration board that supports the PIC16C62, PIC16C64, PIC16C65, PIC16C73 and PIC16C74 microcontrollers. All the necessary hardware and software is included to run the basic demonstration programs. The user can program the sample microcontrollers provided with the PICDEM-2 board, on a PRO MATE II pro- grammer or PICSTART-Plus, and easily test firmware. The PICMASTER emulator may also be used with the PICDEM-2 board to test firmware. Additional prototype area has been provided to the user for adding addi- tional hardware and connecting it to the microcontroller socket(s). Some of the features include a RS-232 inter- face, push-button switches, a potentiometer for simu- lated analog input, a Serial EEPROM to demonstrate usage of the I2C bus and separate headers for connec- tion to an LCD module and a keypad. 10.8 PICDEM-3 Low-Cost PIC16CXXX Demonstration Board The PICDEM-3 is a simple demonstration board that supports the PIC16C923 and PIC16C924 in the PLCC package. It will also support future 44-pin PLCC microcontrollers with a LCD Module. All the neces- sary hardware and software is included to run the basic demonstration programs. The user can pro- gram the sample microcontrollers provided with the PICDEM-3 board, on a PRO MATE II program- mer or PICSTART Plus with an adapter socket, and easily test firmware. The PICMASTER emulator may also be used with the PICDEM-3 board to test firm- ware. Additional prototype area has been provided to the user for adding hardware and connecting it to the microcontroller socket(s). Some of the features include an RS-232 interface, push-button switches, a potenti- ometer for simulated analog input, a thermistor and separate headers for connection to an external LCD module and a keypad. Also provided on the PICDEM-3 board is an LCD panel, with 4 commons and 12 seg- ments, that is capable of displaying time, temperature and day of the week. The PICDEM-3 provides an addi- tional RS-232 interface and Windows 3.1 software for showing the demultiplexed LCD signals on a PC. A sim- ple serial interface allows the user to construct a hard- ware demultiplexer for the LCD signals. 10.9 MPLAB™ Integrated Development Environment Software The MPLAB IDE Software brings an ease of software development previously unseen in the 8-bit microcon- troller market. MPLAB is a windows based application which contains: • A full featured editor • Three operating modes -editor -emulator - simulator • A project manager • Customizable tool bar and key mapping • A status bar with project information • Extensive on-line help MPLAB allows you to: • Edit your source files (either assembly or ‘C’) • One touch assemble (or compile) and download to PIC MCU tools (automatically updates all proj- ect information) • Debug using: - source files - absolute listing file • Transfer data dynamically via DDE (soon to be replaced by OLE) • Run up to four emulators on the same PC The ability to use MPLAB with Microchip’s simulator allows a consistent platform and the ability to easily switch from the low cost simulator to the full featured emulator with minimal retraining due to development tools. 10.10 Assembler (MPASM) The MPASM Universal Macro Assembler is a PC-hosted symbolic assembler. It supports all micro- controller series including the PIC12C5XX, PIC14000, PIC16C5X, PIC16CXXX, and PIC17CXX families. MPASM offers full featured Macro capabilities, condi- tional assembly, and several source and listing formats. It generates various object code formats to support Microchip's development tools as well as third party programmers. MPASM allows full symbolic debugging from PICMASTER, Microchip’s Universal Emulator System. |
유사한 부품 번호 - PIC16CR83 |
|
유사한 설명 - PIC16CR83 |