전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS6679Z 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FDS6679Z
상세설명  30 Volt P-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6679Z 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FDS6679Z Datasheet HTML 1Page - Fairchild Semiconductor FDS6679Z Datasheet HTML 2Page - Fairchild Semiconductor FDS6679Z Datasheet HTML 3Page - Fairchild Semiconductor FDS6679Z Datasheet HTML 4Page - Fairchild Semiconductor FDS6679Z Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDS6679Z Rev C(W)
Typical Characteristics
0
15
30
45
60
0
0.5
1
1.5
2
2.5
-V
DS , DRAIN TO SOURCE VOLTAGE (V)
V
GS
= -10V
-3.0V
-3.5V
-6.0V
-4.5V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
15
30
45
60
-I
D, DRAIN CURRENT (A)
V
GS = - 3.5V
-6.0V
-4.5V
-10V
-5.0V
-8.0V
-7.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
-50
-25
0
25
50
75
100
125
150
175
T
J
, JUNCTION TEMPERATURE (
oC)
I
D = -13A
V
GS
= -10V
0.00
0.01
0.02
0.03
0.04
2
4
6
8
10
-V
GS, GATE TO SOURCE VOLTAGE (V)
I
D
= -6.5A
T
A
= 125oC
T
A = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
20
40
60
80
1.5
2
2.5
3
3.5
4
-V
GS
, GATE TO SOURCE VOLTAGE (V)
T
A = -55
oC
25
oC
125oC
V
DS
= -5V
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
-V
SD, BODY DIODE FORWARD VOLTAGE (V)
V
GS
= 0V
T
A
= 125oC
25
oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


유사한 부품 번호 - FDS6679Z

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6679 FAIRCHILD-FDS6679 Datasheet
69Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS6679 FAIRCHILD-FDS6679 Datasheet
98Kb / 4P
   30 Volt P-Channel PowerTrench짰 MOSFET
FDS6679AZ FAIRCHILD-FDS6679AZ Datasheet
414Kb / 6P
   P-Channel PowerTrench MOSFET -30V, -13A, 9mOhm
FDS6679AZ FAIRCHILD-FDS6679AZ Datasheet
434Kb / 6P
   P-Channel PowerTrench짰 MOSFET
logo
TECH PUBLIC Electronics...
FDS6679AZ TECHPUBLIC-FDS6679AZ Datasheet
1Mb / 3P
   P-Channel Enhancement Mode MOSFET
More results

유사한 설명 - FDS6679Z

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6679 FAIRCHILD-FDS6679 Datasheet
69Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS6681Z FAIRCHILD-FDS6681Z Datasheet
108Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS7779Z FAIRCHILD-FDS7779Z Datasheet
318Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS7079ZN3 FAIRCHILD-FDS7079ZN3 Datasheet
183Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS4435BZ FAIRCHILD-FDS4435BZ Datasheet
94Kb / 4P
   30 Volt P-Channel PowerTrench MOSFET
FDS6673AZ FAIRCHILD-FDS6673AZ Datasheet
130Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDZ208P FAIRCHILD-FDZ208P Datasheet
195Kb / 5P
   P-Channel 30 Volt PowerTrench BGA MOSFET
FDS4935BZ FAIRCHILD-FDS4935BZ Datasheet
154Kb / 5P
   Dual 30 Volt P-Channel PowerTrench MOSFET
FDS6679 FAIRCHILD-FDS6679_05 Datasheet
98Kb / 4P
   30 Volt P-Channel PowerTrench짰 MOSFET
FDMC510P FAIRCHILD-FDMC510P Datasheet
277Kb / 7P
   P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com