전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4422 데이터시트(PDF) 10 Page - Microchip Technology

부품명 TC4422
상세설명  9A High-Speed MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4422 데이터시트(HTML) 10 Page - Microchip Technology

Back Button TC4422 Datasheet HTML 6Page - Microchip Technology TC4422 Datasheet HTML 7Page - Microchip Technology TC4422 Datasheet HTML 8Page - Microchip Technology TC4422 Datasheet HTML 9Page - Microchip Technology TC4422 Datasheet HTML 10Page - Microchip Technology TC4422 Datasheet HTML 11Page - Microchip Technology TC4422 Datasheet HTML 12Page - Microchip Technology TC4422 Datasheet HTML 13Page - Microchip Technology TC4422 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TC4421/TC4422
DS21420E-page 10
 2002-2012 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
TC4421
CPA256
0420
5-Lead TO-220
XXXXXXXXX
XXXXXXXXX
YYWWNNN
Example:
TC4421CAT
XXXXXXXXX
0420256
8-Lead DFN
Example
:
XXXXXXX
XXXXXXX
XXYYWW
NNN
TC4421
EMF
0420
256
8-Lead SOIC (208 mil)
Example:
XXXXXXXX
XXXXXXXX
YYWWNNN
GTC4421
ESM
0420256
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e


유사한 부품 번호 - TC4422

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC4422 TELCOM-TC4422 Datasheet
78Kb / 6P
   9A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4422 MICROCHIP-TC4422 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4422 MICROCHIP-TC4422 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4422 MICROCHIP-TC4422 Datasheet
276Kb / 18P
   9A High-Speed MOSFET Drivers
08/24/04
TC4422A MICROCHIP-TC4422A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
More results

유사한 설명 - TC4422

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC4421 TELCOM-TC4421 Datasheet
78Kb / 6P
   9A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4421A MICROCHIP-TC4421A_13 Datasheet
385Kb / 22P
   9A High-Speed MOSFET Drivers
11/29/12
TC4421M MICROCHIP-TC4421M Datasheet
225Kb / 18P
   9A High-Speed MOSFET Drivers
2005
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4421M MICROCHIP-TC4421M_13 Datasheet
253Kb / 18P
   9A High-Speed MOSFET Drivers
11/29/12
TC4422ESM MICROCHIP-TC4422ESM Datasheet
276Kb / 18P
   9A High-Speed MOSFET Drivers
08/24/04
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com